Electronic Components Datasheet Search
  English  ▼

X  

DAC8544 Datasheet(PDF) 12 Page - Texas Instruments

Part # DAC8544
Description  QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8544 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DAC8544 Datasheet HTML 8Page - Texas Instruments DAC8544 Datasheet HTML 9Page - Texas Instruments DAC8544 Datasheet HTML 10Page - Texas Instruments DAC8544 Datasheet HTML 11Page - Texas Instruments DAC8544 Datasheet HTML 12Page - Texas Instruments DAC8544 Datasheet HTML 13Page - Texas Instruments DAC8544 Datasheet HTML 14Page - Texas Instruments DAC8544 Datasheet HTML 15Page - Texas Instruments DAC8544 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
www.ti.com
t − Time − 2 ms/div
Small-Signal Settling
Trigger Signal
THEORY OF OPERATION
D/A SECTION
_
+
Resistor String
VREF +
VREF −
DAC Register
VOUT
External Reference (–)
External Reference (+)
VFB
R
R
V
OUT
+ 2
V
REF* ) (VREF) * VREF*)
D
65536
(1)
RESISTOR STRING
DAC8544
SLAS420A – MAY 2004 – REVISED JUNE 2005
TYPICAL CHARACTERISTICS (continued)
This condition applies to all typical characteristics: V
REF+ = VDD, VREF– = GND, TA = 25°C (unless otherwise noted)
FULL-SCALE SETTLING TIME
(SMALL-SIGNAL NEGATIVE-GOING STEP)
Figure 29.
The architecture of the DAC8544 consists of four string DACs followed by an output buffer amplifier. Figure 30
shows a block diagram of the DAC architecture.
Figure 30. DAC8544 Architecture
The input coding to the DAC8544 is unsigned binary, which gives the ideal output voltage as:
where
• D = decimal equivalent of the binary code that is loaded to the DAC register; it can range from 0 to 65535.
The resistor string section is shown in Figure 31. It is simply a divide-by-two resistor, followed by a string of
resistors, each of value R. The code loaded into the DAC register determines at which node on the string the
voltage is tapped off, to be fed into the output amplifier, by closing one of the switches connecting the string to
the amplifier. Because it is a string of resistors, it is assured monotonic.
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com