Electronic Components Datasheet Search
  English  ▼

X  

ISO721MMDREP Datasheet(PDF) 16 Page - Texas Instruments

Part # ISO721MMDREP
Description  3.3-V/5-V HIGH-SPEED DIGITAL ISOLATORS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO721MMDREP Datasheet(HTML) 16 Page - Texas Instruments

Back Button ISO721MMDREP Datasheet HTML 12Page - Texas Instruments ISO721MMDREP Datasheet HTML 13Page - Texas Instruments ISO721MMDREP Datasheet HTML 14Page - Texas Instruments ISO721MMDREP Datasheet HTML 15Page - Texas Instruments ISO721MMDREP Datasheet HTML 16Page - Texas Instruments ISO721MMDREP Datasheet HTML 17Page - Texas Instruments ISO721MMDREP Datasheet HTML 18Page - Texas Instruments ISO721MMDREP Datasheet HTML 19Page - Texas Instruments ISO721MMDREP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
0
-10
-20
-30
-40
-50
-80
-60
-70
0
1
2
3
4
5
6
V
-LevelOutputVoltage
OH − High
− V
TA =25 C
o
V
=5V
CC
V
=3.3V
CC
2.78
2.82
2.8
2.84
2.86
2.88
2.9
2.92
-40
-25
-10
5
20
35
50
65
80
95
110
125
T
Free-AirTemperature
C
A
o
−
−
Vfs+
Vfs-
V
=5Vor3.3V,
CC
C
=15pF,
AirFlowat7cf/m
L
0
10
20
30
40
70
50
60
0
1
2
3
4
5
V
Low-LevelOutputVoltage
OL −
− V
TA =25 C
o
V
=5V
CC
V
=3.3V
CC
ISO721M-EP
SLLS882 – JUNE 2008....................................................................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
VCC1 FAILSAFE THRESHOLD VOLTAGE vs
HIGH-LEVEL OUTPUT CURRENT vs HIGH-LEVEL OUTPUT
FREE-AIR TEMPERATURE
VOLTAGE
Figure 14.
Figure 15.
LOW-LEVEL OUTPUT CURRENT vs
LOW-LEVEL OUTPUT VOLTAGE
Figure 16.
16
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ISO721M-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com