Electronic Components Datasheet Search
  English  ▼

X  

ISO721MMDREP Datasheet(PDF) 1 Page - Texas Instruments

Part # ISO721MMDREP
Description  3.3-V/5-V HIGH-SPEED DIGITAL ISOLATORS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO721MMDREP Datasheet(HTML) 1 Page - Texas Instruments

  ISO721MMDREP Datasheet HTML 1Page - Texas Instruments ISO721MMDREP Datasheet HTML 2Page - Texas Instruments ISO721MMDREP Datasheet HTML 3Page - Texas Instruments ISO721MMDREP Datasheet HTML 4Page - Texas Instruments ISO721MMDREP Datasheet HTML 5Page - Texas Instruments ISO721MMDREP Datasheet HTML 6Page - Texas Instruments ISO721MMDREP Datasheet HTML 7Page - Texas Instruments ISO721MMDREP Datasheet HTML 8Page - Texas Instruments ISO721MMDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION/ORDER INFORMATION
ISO721M-EP
www.ti.com....................................................................................................................................................................................................... SLLS882 – JUNE 2008
3.3-V/5-V HIGH-SPEED DIGITAL ISOLATORS
• Signaling Rate 0 Mbps to 150 Mbps
23
• Controlled Baseline
–
Low Propagation Delay
–
One Assembly Site
–
Low Pulse Skew (Pulse-Width Distortion)
–
One Test Site
• Low-Power Sleep Mode
–
One Fabrication Site
• High Electromagnetic Immunity
• Extended Temperature Performance of
• Low Input Current Requirement
–55°C to 125°C
• Failsafe Output
• Enhanced Diminishing Manufacturing Sources
• Drop-In Replacement for Most Opto and
(DMS) Support
Magnetic Isolators
• Enhanced Product-Change Notification
• Industrial Fieldbus
• Qualification Pedigree (1)
–
Modbus
• 4000-V
(peak) Isolation
–
Profibus
–
UL 1577, IEC 60747-5-2 (VDE 0884, Rev. 2)
–
DeviceNet™ Data Buses
IEC 61010-1
–
Smart Distributed Systems (SDS™)
–
50-kV/
µs Transient Immunity Typical
• Computer Peripheral Interface
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
• Servo Control Interface
extended temperature range. This includes, but is not limited
• Data Acquisition
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
performance and environmental limits.
The ISO721, ISO721M, ISO722, and ISO722M are digital isolators with a logic input and output buffer separated
by a silicon oxide (SiO2) insulation barrier. This barrier provides galvanic isolation of up to 4000 V. Used in
conjunction with isolated power supplies, these devices prevent noise currents on a data bus or other circuits
from entering the local ground, and interfering with or damaging sensitive circuitry.
A binary input signal is conditioned, translated to a balanced signal, then differentiated by the capacitive isolation
barrier. Across the isolation barrier, a differential comparator receives the logic transition information, then sets or
resets a flip-flop and the output circuit accordingly. A periodic update pulse is sent across the barrier to ensure
the proper dc level of the output. If this dc-refresh pulse is not received for more than 4
µs, the input is assumed
to be unpowered or not being actively driven, and the failsafe circuit drives the output to a logic high state.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SDS is a trademark of Honeywell.
3
DeviceNet is a trademark of Open Devicenet Vendors Association, Inc.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2008, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ISO721MMDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO721MMDREP TI-ISO721MMDREP Datasheet
640Kb / 24P
3.3-V/5-V HIGH-SPEED DIGITAL ISOLATORS
ISO721MMDREP TI-ISO721MMDREP Datasheet
679Kb / 25P
3.3-V/5-V HIGH-SPEED DIGITAL ISOLATORS
ISO721MMDREPG4 TI-ISO721MMDREPG4 Datasheet
640Kb / 24P
3.3-V/5-V HIGH-SPEED DIGITAL ISOLATORS
ISO721MMDREPG4 TI-ISO721MMDREPG4 Datasheet
679Kb / 25P
3.3-V/5-V HIGH-SPEED DIGITAL ISOLATORS
More results

Similar Description - ISO721MMDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO721 TI-ISO721 Datasheet
1Mb / 22P
3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
ISO721M-EP TI-ISO721M-EP Datasheet
668Kb / 24P
3.3-V/5-V HIGH-SPEED DIGITAL ISOLATORS
ISO721 TI-ISO721_10 Datasheet
594Kb / 26P
3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
ISO721M-EP TI-ISO721M-EP_10 Datasheet
640Kb / 24P
3.3-V/5-V HIGH-SPEED DIGITAL ISOLATORS
logo
ON Semiconductor
AMIS-42673 ONSEMI-AMIS-42673 Datasheet
159Kb / 11P
High-Speed 3.3 V Digital Interface CAN Transceiver
January, 2009 ??Rev. 3
logo
Texas Instruments
ISO721-Q1 TI-ISO721-Q1 Datasheet
379Kb / 19P
3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
ISO721M-EP_101 TI-ISO721M-EP_101 Datasheet
679Kb / 25P
3.3-V/5-V HIGH-SPEED DIGITAL ISOLATORS
ISO721_1007 TI1-ISO721_1007 Datasheet
678Kb / 29P
3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
JULY2010
logo
AVAGO TECHNOLOGIES LIMI...
ACML-7400-000E AVAGO-ACML-7400-000E Datasheet
146Kb / 13P
3.3 V/5 V 100 MBd High Speed CMOS Digital Isolator
logo
Texas Instruments
ISO721-Q1 TI1-ISO721-Q1_16 Datasheet
982Kb / 27P
AND/OR 5-V HIGH-SPEED DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com