Electronic Components Datasheet Search
  English  ▼

X  

ISO721MMDREP Datasheet(PDF) 9 Page - Texas Instruments

Part # ISO721MMDREP
Description  3.3-V/5-V HIGH-SPEED DIGITAL ISOLATORS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO721MMDREP Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO721MMDREP Datasheet HTML 5Page - Texas Instruments ISO721MMDREP Datasheet HTML 6Page - Texas Instruments ISO721MMDREP Datasheet HTML 7Page - Texas Instruments ISO721MMDREP Datasheet HTML 8Page - Texas Instruments ISO721MMDREP Datasheet HTML 9Page - Texas Instruments ISO721MMDREP Datasheet HTML 10Page - Texas Instruments ISO721MMDREP Datasheet HTML 11Page - Texas Instruments ISO721MMDREP Datasheet HTML 12Page - Texas Instruments ISO721MMDREP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
PARAMETER MEASUREMENT INFORMATION
IN
OUT
ISO722
and
ISO722M
EN
VO
+
-
+
-
VO
VI
IO
Input
Generator
VI
NOTE A
tf
tr
50%
0V
50%
VOH
VOL
50 W
tPHL
tPLH
V
/2
CC1
V
/2
CC1
VCC1
90%
10%
C
NoteB
L
Input
Generator
NOTE A
50 W
OUT
EN
IN
3V
0V
0V
50%
0.5V
VOH
CL
NOTEB
R =1k
1%
L
W ±
tPZH
VO
VO
V
/2
CC2
V
/2
CC2
tPHZ
VCC2
VI
+
-
VI
VCC2
VO
OUT
EN
IN
0V
0V
VO
VI
0.5V
VOL
50%
C
NOTEB
L
R =1k
1%
L
W ±
50 W
VCC2
VCC2
V
/2
CC2
V
/2
CC2
tPZL
tPLZ
Input
Generator
NOTE A
+
-
VI
ISO721M-EP
www.ti.com....................................................................................................................................................................................................... SLLS882 – JUNE 2008
Figure 1. Switching Characteristic Test Circuit and Voltage Waveforms
Figure 2. ISO722 Sleep-Mode High-Level Output Test Circuit and Voltage Waveforms
A.
The input pulse is supplied by a generator having the following characteristics:
PRR
≤ 50 kHz, 50% duty cycle, tr ≤ 3 ns, tf ≤ 3 ns, ZO = 50 Ω.
B.
CL = 15 pF and includes instrumentation and fixture capacitance within ±20%.
Figure 3. ISO722 Sleep-Mode Low-Level Output Test Circuit and Voltage Waveforms
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ISO721M-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com