Electronic Components Datasheet Search
  English  ▼

X  

LM3450 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3450
Description  LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3450 Datasheet(HTML) 5 Page - Texas Instruments

  LM3450 Datasheet HTML 1Page - Texas Instruments LM3450 Datasheet HTML 2Page - Texas Instruments LM3450 Datasheet HTML 3Page - Texas Instruments LM3450 Datasheet HTML 4Page - Texas Instruments LM3450 Datasheet HTML 5Page - Texas Instruments LM3450 Datasheet HTML 6Page - Texas Instruments LM3450 Datasheet HTML 7Page - Texas Instruments LM3450 Datasheet HTML 8Page - Texas Instruments LM3450 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
LM3450
www.ti.com
SNVS681D – NOVEMBER 2010 – REVISED MAY 2013
ELECTRICAL CHARACTERISTICS
(1) (continued)
Unless otherwise specified VCC = 14V. Specifications in standard type face are for TJ = 25°C and those with boldface type
apply over the full Operating Temperature Range ( TJ = −40°C to +125°C). Typical values represent the most likely
parametric norm at TA = TJ = +25°C, and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
PWM Comparator Input Bias Current
20
nA
VLIM
CS Current Limit Threshold
1.40
1.50
1.60
V
CS Delay to Output
100
ns
CS Blanking Sinking Impedance
1
k
Ω
tLEB
Leading Edge Blanking (LEB) Time
140
ns
ANALOG ADJUST INPUT (VADJ)
VADJ-LP
VADJ Low Threshold (Low Power Mode)
VADJ Falling
56
75
mV
VADJ Low Hysteresis
50
VADJ Pull-up Current Source
1
µA
VADJ Open Voltage
VADJ Open
3
V
DYNAMIC HOLD CIRCUIT (HOLD, ISEN)
RDSON-HD
HOLD MosFET On-Resistance
ISEN Short to GND
22
30
42
Ω
VSEN-REF
ISEN Reference Voltage
162
200
232
mV
ISEN Bias Current
5
µA
PRE-REGULATOR GATE DRIVE OUTPUT (BIAS)
VBIAS
BIAS High Voltage @ 100µA
VCC < VCC-FALL
18.8
21
22.6
V
BIAS Low Voltage @ 100µA
VCC > VCC-RISE
13.5
14
14.5
GATE DRIVER OUTPUT (GATE)
VGATE-H
GATE Voltage High
IGATE = 20mA
11.5
V
IGATE = 200mA
10.5
GATE Pull Down Resistance
2
8
Ω
GATE Peak Current
(4)±1.5
A
REFERENCE VOLTAGE OUTPUT (VREF)
VREF
Reference Voltage
No Load
2.85
3
3.15
V
Current Limit
1.5
2.0
3.0
mA
DIMMING OUTPUT (DIM, FLT1, FLT2)
FLT1 Output Impedance
Standby Mode
500
k
Ω
Transition mode
1.6
Triangle Waveform Compared to FLT2
High
1.49
V
Low
15
mV
fDIM
DIM Frequency
180
460
700
Hz
OFF-TIMERS
tOFF-MAX
Maximum Off-Time (Normal Operation)
340
µs
tOFF-LP
Off-Time (Low Power Mode)
42
THERMAL SHUTDOWN
Thermal Limit Threshold
(4)
160
°C
Thermal Limit Hysteresis
20
THERMAL RESISTANCE
θJA
Junction to Ambient
TSSOP-16(4)(5)
38.0
°C/W
θJC
Junction to Case
10.0
(4)
These electrical parameters are specified by design, and are not verified by test.
(5)
Junction-to-ambient thermal resistance is highly board-layout dependent. In applications where high maximum power dissipation exists,
namely driving a large MOSFET at high switching frequency from a high input voltage, special care must be paid to thermal dissipation
issues during board design. In high-power dissipation applications, the maximum ambient temperature may have to be derated.
Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP = 125°C for Q1, or
150°C for Q0), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance
of the package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX).
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com