Electronic Components Datasheet Search
  English  ▼

X  

LM3450 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM3450
Description  LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3450 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3450 Datasheet HTML 6Page - Texas Instruments LM3450 Datasheet HTML 7Page - Texas Instruments LM3450 Datasheet HTML 8Page - Texas Instruments LM3450 Datasheet HTML 9Page - Texas Instruments LM3450 Datasheet HTML 10Page - Texas Instruments LM3450 Datasheet HTML 11Page - Texas Instruments LM3450 Datasheet HTML 12Page - Texas Instruments LM3450 Datasheet HTML 13Page - Texas Instruments LM3450 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
ZCD
GATE
LM3450/50A
GND
COMP
FB
HOLD
CS
DIM
FLT2
FLT1
PWM
TO OPTO
BIAS
+
-
RETURN
RETURN
AC
INPUT
24V
RZCD
RHLD
RBS
CVCC
QPS
COUT
VCC
ISEN
VREF
VADJ
VAC
CHLD
CSEN
CCMP
CF1
CF2
CREF
CPFC
RAD2
RAD1
RF2
RF1
RAC2
RAC1
RFB1
RCS
RSEN
QSW
DSW
FLYBACK
OUTPUT
FEEDBACK
FROM OPTO
LM3450
SNVS681D – NOVEMBER 2010 – REVISED MAY 2013
www.ti.com
Figure 17. Typical Flyback Application
THEORY OF OPERATION
The LM3450/50A is a single device with both power factor control (PFC) and phase dimming decoder functions.
This device is designed to control isolated flyback converters and provide active power factor correction. In
addition to being a PFC, the LM3450/50A can interpret a phase dimming (frequently called triac dimming) input
and provide a corresponding PWM output to properly dim an LED load. This combination of features provides an
excellent method to convert a standard AC mains input to a dimmable LED output of 10-100W. It should be
noted that the LM3450/50A can control a boost converter in a similar manner. However, this datasheet will focus
mostly on the flyback topology due to the high demand for isolated LED driver applications. Discussion of the
LM3450/50A functionality will refer to Figure 17 component designators.
The PFC control operates in critical conduction mode (CRM) using zero crossing detection (ZCD) to terminate
the off-time. The PFC portion of this device includes an error amplifier, multiplier, current sense circuit, zero
crossing detector, and gate driver. The internal error amplifier is used for feedback of the output voltage in non-
isolated designs. However, it can be disabled for isolated designs where the error amplifier needs to be on the
secondary side.
The phase dimmer decoder detects the dimming angle of the rectified AC line, decodes, filters and remaps it to a
500Hz PWM output. The PWM output can then be sent directly, or through optical isolation, to the dimming input
of a second stage LED driver. To ensure the decoder properly interprets the dimming angle, dynamic hold is
provided which prevents the phase dimmer from misfiring. The input current is sensed and when the current
drops below a preset minimum, the system adds more current.
Both the dynamic hold and the decoder are sampled synchronously in the LM3450 to reduce the overall
efficiency drop due to the additional hold current. When a decoding sample period occurs, the dynamic hold is
activated to ensure a proper angle is decoded. Because of this sampling method, non-sampled cycles will
potentially cause the phase dimmer to misfire but should not affect the output LED current regulation.
10
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com