Electronic Components Datasheet Search
  English  ▼

X  

LM3450 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM3450
Description  LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3450 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3450 Datasheet HTML 8Page - Texas Instruments LM3450 Datasheet HTML 9Page - Texas Instruments LM3450 Datasheet HTML 10Page - Texas Instruments LM3450 Datasheet HTML 11Page - Texas Instruments LM3450 Datasheet HTML 12Page - Texas Instruments LM3450 Datasheet HTML 13Page - Texas Instruments LM3450 Datasheet HTML 14Page - Texas Instruments LM3450 Datasheet HTML 15Page - Texas Instruments LM3450 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
)
2
( )
t
D
I
PK
P
x
-
(t
I
in
=
t
iL (t)
IL-MAX
IL
0
TS
tON = DTS
tOFF = (1-D)TS
LM3450
SNVS681D – NOVEMBER 2010 – REVISED MAY 2013
www.ti.com
The output voltage has to be regulated slowly to ensure the converter ignores the twice line frequency ripple
present on the output. Therefore, the voltage loop containing the error amplifier should have a bandwidth at least
an order of magnitude slower (<20Hz is common). Sometimes the bandwidth is increased to improve transient
response, which is the case with off-line dimmable LED drivers. Though PF decreases with the increase in
bandwidth, high PF (>.95) is still possible.
Figure 19. Basic CRM Inductor Current Waveform
CRM BACKGROUND
During critical conduction mode (CRM), a converter operates at the boundary of continuous conduction mode
(CCM) and discontinuous conduction mode (DCM). This is usually implemented as follows. The main switching
MosFET (QSW) is turned on and the inductor current rises to a peak threshold. QSW is then turned off and the
current falls until it reaches zero. At this point, QSW is turned on and the cycle repeats. Near zero voltage
switching, enabled by the inductor current return to zero, gives CRM topologies an efficiency improvement
compared to CCM topologies. Figure 19 shows the resulting inductor current waveform, where the average
inductor current (IL) is half of the peak current (IL-MAX).
In a CRM flyback PFC application, the rectified AC input is fed forward to the control loop, creating a sinusoidal
primary peak current envelope (IP-pk) as shown in Figure 20. The secondary peak current envelope (IS-pk) will
simply be a scaled version of the primary according to the turns ratio of the transformer. Assuming good
attenuation of the switching ripple via the EMI filter, the average input current (IIN), represented by the red line in
Figure 20, can also be approximated as a sinusoid proportional to the duty cycle (D(t)):
(3)
Since CRM operation is hysteretic and the input voltage is fed-forward, the input current shaping loop is as fast
as possible. Only the output voltage needs to be regulated with a narrow bandwidth error amplifier, which greatly
simplifies the system dynamics.
12
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com