Electronic Components Datasheet Search
  English  ▼

X  

LM3151 Datasheet(PDF) 17 Page - Texas Instruments

Part # LM3151
Description  LM3151/LM3152/LM3153 SIMPLE SWITCHER® CONTROLLER, High Input Voltage Synchronous Step-Down
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3151 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3151 Datasheet HTML 13Page - Texas Instruments LM3151 Datasheet HTML 14Page - Texas Instruments LM3151 Datasheet HTML 15Page - Texas Instruments LM3151 Datasheet HTML 16Page - Texas Instruments LM3151 Datasheet HTML 17Page - Texas Instruments LM3151 Datasheet HTML 18Page - Texas Instruments LM3151 Datasheet HTML 19Page - Texas Instruments LM3151 Datasheet HTML 20Page - Texas Instruments LM3151 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
Pdh = 0.396 + 0.278 = 0.674W
Pcond = Iout
2 x R
DS(ON) x D
8.5
Vcc - Vth
+
6.8
Vth
1
2
x Vin x Iout x Qgd x fs x
Psw =
Pdh = Pcond + Psw
Pcond = 12
2
x 0.01 x 0.275 = 0.396W
8.5
6 ± 2.5
+
6.8
2.5
1
2
x 12 x 12 x 1.5 nC x 500 kHz x
Psw =
= 0.278W
LM3151, LM3152, LM3153
www.ti.com
SNVS562G – SEPTEMBER 2008 – REVISED MARCH 2011
Minimum output capacitance is:
COmin = 70 / (fS
2 x L)
COmin = 70 / (500 kHz
2 x 1.65 µH) = 169 µF
The maximum ESR allowed to prevent over-voltage protection during normal operation is:
ESRmax = (80 mV x L) / ET
ESRmax = (80 mV x 1.65 µH) / 5.7 V µs
ESRmax = 23 mΩ
The minimum ESR must meet both of the following criteria:
ESRmin ≥ (15 mV x L) / ET
ESRmin ≥ [ET / (VIN - VOUT)] / CO
ESRmin ≥ (15 mV x 1.65 µH) / 5.7 V µs = 4.3 mΩ
ESRmin ≥ [5.7 V µs / (12 - 3.3)] / 169 µF = 3.9 mΩ
Based on the above criteria two 150 µF polymer aluminum capacitors with a ESR = 12 m
Ω each for a effective
ESR in parallel of 6 m
Ω was chosen from Panasonic. The part number is EEF-UE0J151P.
5. MOSFET Selection
The LM3151/2/3 are designed to drive N-channel MOSFETs. For a maximum input voltage of 24V we should
choose N-channel MOSFETs with a maximum drain-source voltage, VDS, greater than 1.2 x 24V = 28.8V. FETs
with maximum VDS of 30V will be the first option. The combined total gate charge Qgtotal of the high-side and low-
side FET should satisfy the following:
Qgtotal ≤ IVCCL / fs
(4)
Qgtotal ≤ 65 mA / 500 kHz
(5)
Qgtotal ≤ 130 n
where
•
IVCCL is the minimum current limit of VCC over the temperature range, specified in the electrical characteristics
table
The MOSFET gate charge Qg is gathered from reading the VGS vs Qg curve of the MOSFET datasheet at the
VGS = 5V for the high-side, M1, MOSFET and VGS = 6V for the low-side, M2, MOSFET.
The Renesas MOSFET RJK0305DPB has a gate charge of 10 nC at VGS = 5V, and 12 nC at VGS = 6V. This
combined gate charge for a high-side, M1, and low-side, M2, MOSFET 12 nC + 10 nC = 22 nC is less than 130
nC calculated Qgtotal.
The calculated MOSFET power dissipation must be less than the max allowed power dissipation, Pdmax, as
specified in the MOSFET datasheet. An approximate calculation of the FET power dissipated Pd, of the high-side
and low-side FET is given by:
High-Side MOSFET
The max power dissipation of the RJK0305DPB is rated as 45W for a junction temperature that is 125°C higher
than the case temperature and a thermal resistance from the FET junction to case,
θJC, of 2.78°C/W.
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3151 LM3152 LM3153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com