Electronic Components Datasheet Search
  English  ▼

X  

LM3151 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM3151
Description  LM3151/LM3152/LM3153 SIMPLE SWITCHER® CONTROLLER, High Input Voltage Synchronous Step-Down
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3151 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3151 Datasheet HTML 2Page - Texas Instruments LM3151 Datasheet HTML 3Page - Texas Instruments LM3151 Datasheet HTML 4Page - Texas Instruments LM3151 Datasheet HTML 5Page - Texas Instruments LM3151 Datasheet HTML 6Page - Texas Instruments LM3151 Datasheet HTML 7Page - Texas Instruments LM3151 Datasheet HTML 8Page - Texas Instruments LM3151 Datasheet HTML 9Page - Texas Instruments LM3151 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
EN
BST
SW
ON TIMER
Ron
START
COMPLETE
START
COMPLETE
THERMAL
SHUTDOWN
LEVEL
SHIFT
L
LM3151/2/3
AVDD
DRIVER
REGULATION
COMPARATOR
LOGIC
DrvH
DrvL
CURRENT LIMIT
COMPARATOR
DRIVER
GND
Vbias
VDD
OFF TIMER
PMOS
input
FB
EN
VIN
VIN
VCC
PGND
CIN
SGND
HG
LG
ERM Control
6V LDO
UVLO
VCC
VCC
0.6V
Zero
Current
Detect
Vref =
1 M
5
6V
M1
M2
47 pF
SS
0.72V
VOUT-OV and
SHORT
CIRCUIT
PROTECTION
0.36V
VDD
ISS
RFB = RFB1 + RFB2
0.72V
0.6V
1.20V
1.20V
RON
CSS
RFB2
RFB1
COUT
CBST
VOUT
VIN
CVCC
PGND
200 mV
LM3151, LM3152, LM3153
SNVS562G – SEPTEMBER 2008 – REVISED MARCH 2011
www.ti.com
SIMPLIFIED BLOCK DIAGRAM
6
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LM3151 LM3152 LM3153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com