Electronic Components Datasheet Search
  English  ▼

X  

LM3151 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM3151
Description  LM3151/LM3152/LM3153 SIMPLE SWITCHER® CONTROLLER, High Input Voltage Synchronous Step-Down
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3151 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3151 Datasheet HTML 8Page - Texas Instruments LM3151 Datasheet HTML 9Page - Texas Instruments LM3151 Datasheet HTML 10Page - Texas Instruments LM3151 Datasheet HTML 11Page - Texas Instruments LM3151 Datasheet HTML 12Page - Texas Instruments LM3151 Datasheet HTML 13Page - Texas Instruments LM3151 Datasheet HTML 14Page - Texas Instruments LM3151 Datasheet HTML 15Page - Texas Instruments LM3151 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
L36
L35
MAXIMUM LOAD CURRENT (A)
4
5
6
7
8
9
10
12
1
2
3
4
5
6
7
8
9
10
20
30
40
50
60
70
80
90
100
L01
L02
L03
L04
L05
L06
L07
L08
L09
L10
L11
L12
L13
L14
L15
L16
L17
L18
L19
L20
L21
L22
L23
L24
L34
L33
L32
L25
L26
L27
L28
L29
L30
L31
L48
L47
L46
L45
L44
L37
L38
L39
L40
L41
L42
L43
47 P
H
33 P
H
22 P
H
15 P
H
10 P
H
6.8 P
H
4.7 P
H
3.3 P
H
2.2 P
H
1.5 P
H
1.0 P
H
0.68
PH
0.47
PH
0.33
PH
ET = (Vinmax ± VOUT) x
Vinmax
VOUT
x
fS
1000
(V x Ps)
LM3151, LM3152, LM3153
SNVS562G – SEPTEMBER 2008 – REVISED MARCH 2011
www.ti.com
Design Guide
The design guide provides the equations required to design with the LM3151/2/3 SIMPLE SWITCHER Controller.
WEBENCH design tool can be used with or in place of this section for a more complete and simplified design
process.
1. Define Power Supply Operating Conditions
a. Maximum and Minimum DC Input voltage
b. Maximum Expected Load Current during normal operation
c. Target Switching Frequency
2. Determine which IC Controller to Use
The desired input voltage range will determine which version of the LM3151/2/3 controller will be chosen. The
higher switching frequency options allow for physically smaller inductors but efficiency may decrease.
3. Determine Inductor Required Using Figure 13
To use the nomograph below calculate the inductor volt-microsecond constant ET from the following formula:
where
•
fS is in kHz units
The intersection of the Load Current and the Volt-microseconds lines on the chart below will determine which
inductors are capable for use in the design. The chart shows a sample of parts that can be used. The offline
calculator tools and WEBENCH will fully calculate the requirements for the components needed for the design.
Figure 13. Inductor Nomograph
12
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LM3151 LM3152 LM3153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com