Electronic Components Datasheet Search
  English  ▼

X  

LM48823 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM48823
Description  LM48823 Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48823 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM48823 Datasheet HTML 2Page - Texas Instruments LM48823 Datasheet HTML 3Page - Texas Instruments LM48823 Datasheet HTML 4Page - Texas Instruments LM48823 Datasheet HTML 5Page - Texas Instruments LM48823 Datasheet HTML 6Page - Texas Instruments LM48823 Datasheet HTML 7Page - Texas Instruments LM48823 Datasheet HTML 8Page - Texas Instruments LM48823 Datasheet HTML 9Page - Texas Instruments LM48823 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
LM48823, LM48823TLEVAL
SNAS464E – JUNE 2008 – REVISED OCTOBER 2010
www.ti.com
I
2C INTERFACE CHARACTERISTICS V
DD = 3.0V
(1) (2)
The following specifications apply for AV = 6dB, RL = 2.2μF+15Ω, C1 = C2 = 2.2μF, f = 1kHz, unless otherwise specified.
Limits apply for TA = 25°C.
LM48823
Units
Symbol
Parameter
Conditions
(Limits)
Typical (3)
Limits (4)
t1
SCL period
2.5
μs (min)
t2
SDA Setup Time
100
ns (min)
t3
SDA Stable Time
0
ns (min)
t4
Start Condition Time
100
ns (min)
t5
Stop Condition Time
100
ns (min)
VIH
Logic High Input Threshold
0.7 x I2CVDD
V (min)
VIL
Logic Low Input Threshold
0.3 x I2CVDD
V (max)
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. All
voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(3)
Typical values represent most likely parametric norms at TA = +25ºC, and at the Recommended Operation Conditions at the time of
product characterization and are not ensured.
(4)
Datasheet min/max specification limits are specified by test or statistical analysis.
6
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Links: LM48823 LM48823TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com