Electronic Components Datasheet Search
  English  ▼

X  

LM48823 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM48823
Description  LM48823 Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48823 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM48823 Datasheet HTML 8Page - Texas Instruments LM48823 Datasheet HTML 9Page - Texas Instruments LM48823 Datasheet HTML 10Page - Texas Instruments LM48823 Datasheet HTML 11Page - Texas Instruments LM48823 Datasheet HTML 12Page - Texas Instruments LM48823 Datasheet HTML 13Page - Texas Instruments LM48823 Datasheet HTML 14Page - Texas Instruments LM48823 Datasheet HTML 15Page - Texas Instruments LM48823 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
LM48823, LM48823TLEVAL
SNAS464E – JUNE 2008 – REVISED OCTOBER 2010
www.ti.com
VOLUME CONTROL
Table 3. Volume Control
Volume Step
VOL4
VOL3
VOL2
VOL1
VOL0
Gain (dB)
1
0
0
0
0
0
–70
2
0
0
0
0
1
–56
3
0
0
0
1
0
–46
4
0
0
0
1
1
–38
5
0
0
1
0
0
–32
6
0
0
1
0
1
–28
7
0
0
1
1
0
–24
8
0
0
1
1
1
–21
9
0
1
0
0
0
–18
10
0
1
0
0
1
–15
11
0
1
0
1
0
–12
12
0
1
0
1
1
–10
13
0
1
1
0
0
–8
14
0
1
1
0
1
–6
15
0
1
1
1
0
–4
16
0
1
1
1
1
–2
17
1
0
0
0
0
0
18
1
0
0
0
1
2
19
1
0
0
1
0
4
20
1
0
0
1
1
6
21
1
0
1
0
0
8
22
1
0
1
0
1
10
23
1
0
1
1
0
12
24
1
0
1
1
1
14
25
1
1
0
0
0
16
26
1
1
0
0
1
18
27
1
1
0
1
0
19
28
1
1
0
1
1
20
29
1
1
1
0
0
21
30
1
1
1
0
1
22
31
1
1
1
1
0
23
32
1
1
1
1
1
24
SHUTDOWN FUNCTION
The LM48823 features a low-power shutdown mode that disables the device, lowering the quiescent current to
0.01µA. Set bits B1 (ENABLE_A) and B2 (ENABLE_B) to 0 to disable the amplifiers and charge pump. Set both
ENABLE_A and ENABLE_B to 1 for normal operation. Shutdown mode does not clear the I2C register. When re-
enabled, the device returns to its previous volume setting. To clear the I2C register, either remove power from the
device, or toggle RESET (see RESET section).
RESET
The LM48823 features an active low reset input. Driving RESET low clears the I2C register. Volume control is set
to 00000 (-70dB) and both ENABLE_A and ENABLE_B are set to 0, disabling the device. While RESET is low,
the LM48823 ignores any I2C data. After the device is reset, and RESET is driven high, the LM48823 remains in
shutdown mode with the volume set to -70dB. Re-enable the device by writing to the I2C register.
12
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Links: LM48823 LM48823TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com