Electronic Components Datasheet Search
  English  ▼

X  

LM48823 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM48823
Description  LM48823 Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48823 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM48823 Datasheet HTML 9Page - Texas Instruments LM48823 Datasheet HTML 10Page - Texas Instruments LM48823 Datasheet HTML 11Page - Texas Instruments LM48823 Datasheet HTML 12Page - Texas Instruments LM48823 Datasheet HTML 13Page - Texas Instruments LM48823 Datasheet HTML 14Page - Texas Instruments LM48823 Datasheet HTML 15Page - Texas Instruments LM48823 Datasheet HTML 16Page - Texas Instruments LM48823 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
LM48823, LM48823TLEVAL
www.ti.com
SNAS464E – JUNE 2008 – REVISED OCTOBER 2010
PROPER SELECTION OF EXTERNAL COMPONENTS
Power Supply Bypassing/Filtering
Proper power supply bypassing is critical for low noise performance and high PSRR. Place the supply bypass
capacitors as close to the device as possible. Place a 1µF ceramic capacitor from VDD to GND. Additional bulk
capacitance may be added as required.
Bypass Capacitor Selection
The BYPASS capacitor, CBYPASS, improves PSRR, noise rejection and output offset. For best results, use a
capacitor of identical value to the input coupling capacitors
Charge Pump Capacitor Selection
Use low ESR ceramic capacitors (less than 100m
Ω) for optimum performance.
Charge Pump Flying Capacitor (C1)
The flying capacitor (C1) affects the load regulation and output impedance of the charge pump. A C1 value that
is too low results in a loss of current drive, leading to a loss of amplifier headroom. A higher valued C1 improves
load regulation and lowers charge pump output impedance to an extent. Above 2.2µF, the RDS(ON) of the charge
pump switches and the ESR of C1 and C2 dominate the output impedance. A lower value capacitor can be used
in systems with low maximum output power requirements.
Charge Pump Hold Capacitor (C2)
The value and ESR of the hold capacitor (C2) directly affects the ripple on CPVSS. Increasing the value of C2
reduces output ripple. Decreasing the ESR of C2 reduces both output ripple and charge pump output impedance.
A lower value capacitor can be used in systems with low maximum output power requirements.
Input Capacitor Selection
Input capacitors block the DC component of the audio signal, eliminating any conflict between the DC component
of the audio source and the bias voltage of the LM48823. The input capacitors create a high-pass filter with the
input resistors RIN. The -3dB point of the high pass filter is found using Equation 1.
f = 1 / 2
πRINCIN (Hz)
where
•
the value of RIN is given in the Electrical Characteristics table.
(1)
High pass filtering the audio signal helps protect the speakers. When the LM48823 is using a single-ended
source, power supply noise on the ground is seen as an input signal. Setting the high-pass filter point above the
power supply noise frequencies, 217Hz in a GSM phone, for example, filters out the noise such that it is not
amplified and heard on the output. Capacitors with a tolerance of 10% or better are recommended for impedance
matching and improved CMRR and PSRR.
PCB LAYOUT GUIDELINES
Minimize trace impedance of the power, ground and all output traces for optimum performance. Voltage loss due
to trace resistance between the LM48823 and the load results in decreased output power and efficiency. Trace
resistance between the power supply and ground has the same effect as a poorly regulated supply, increased
ripple and reduced peak output power. Use wide traces for power supply inputs and amplifier outputs to minimize
losses due to trace resistance, as well as route heat away from the device. Proper grounding improves audio
performance, minimizes crosstalk between channels and prevents switching noise from interfering with the audio
signal. Use of power and ground planes is recommended.
Place all digital components and route digital signal traces as far as possible from analog components and
traces. Do not run digital and analog traces in parallel on the same PCB layer. If digital and analog signal lines
must cross either over or under each other, ensure that they cross in a perpendicular fashion.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM48823 LM48823TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com