Electronic Components Datasheet Search
  English  ▼

X  

LM95071 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM95071
Description  LM95071 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM95071 Datasheet(HTML) 5 Page - Texas Instruments

  LM95071 Datasheet HTML 1Page - Texas Instruments LM95071 Datasheet HTML 2Page - Texas Instruments LM95071 Datasheet HTML 3Page - Texas Instruments LM95071 Datasheet HTML 4Page - Texas Instruments LM95071 Datasheet HTML 5Page - Texas Instruments LM95071 Datasheet HTML 6Page - Texas Instruments LM95071 Datasheet HTML 7Page - Texas Instruments LM95071 Datasheet HTML 8Page - Texas Instruments LM95071 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
CS
SC
SO
t3
t2
t4
t1
t4
tr
tf
5
LM95071
www.ti.com
SNIS137G – AUGUST 2004 – REVISED AUGUST 2019
Product Folder Links: LM95071
Submit Documentation Feedback
Copyright © 2004–2019, Texas Instruments Incorporated
Logic Electrical Characteristics - Digital DC Characteristics (continued)
Unless otherwise noted, these specifications apply for VDD = 2.4 V to 5.5 V
(1).
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
Input Hysteresis
Voltage
VDD = 3 V to 3.6 V
TA = TJ = +25°C
0.4
V
TA = TJ = TMIN to TMAX
0.33
IIN(1)
Logical “1” Input
Current
VIN = VDD
TA = TJ = +25°C
0.005
µA
TA = TJ = TMIN to TMAX
3
IIN(0)
Logical “0” Input
Current
VIN = 0 V
TA = TJ = +25°C
−0.005
µA
TA = TJ = TMIN to TMAX
−3
CIN
All Digital Inputs
TA = TJ = +25°C
20
pF
VOH
High Level
Output Voltage
IOH = −400 µA, TA = TJ = TMIN to TMAX
2.25
V
VOL
Low Level
Output Voltage
IOL = +1.6 mA, TA = TJ = TMIN to TMAX
0.4
V
IO_TRI-
STATE
TRI-STATE
®Output
Leakage Current
VO = GND
VO = VDD, TA = TJ = TMIN to TMAX
−1
+1
µA
(1)
The of the LM95071 will operate properly over the VDD supply voltage range of 2.4V to 5.5V.
(2)
Limits are guaranteed to TI's AOQL (Average Outgoing Quality Level).
(3)
Typicals are at TA = 25°C and represent most likely parametric norm.
6.7 Logic Electrical Characteristics - Serial Bus Digital Switching Characteristics
Unless otherwise noted, these specifications apply for VDD = 2.4 V to 5.5 V
(1); C
L (load capacitance) on output lines = 100 pF
unless otherwise specified.
MIN(2)
TYP(3)
MAX(2)
UNIT
t1
SC (Clock) Period
TA = TJ = TMIN to TMAX
0.16
µs
TA = TJ = +25°C
DC
t2
CS Low to SC (Clock) High Set-Up Time
TA = TJ = TMIN to TMAX
100
ns
t3
CS Low to Data Out (SO) Delay
TA = TJ = TMIN to TMAX
70
ns
t4
SC (Clock) Low to Data Out (SO) Delay
TA = TJ = TMIN to TMAX
70
ns
t5
CS High to Data Out (SO) TRI-STATE
TA = TJ = TMIN to TMAX
200
ns
t6
SC (Clock) High to Data In (SI) Hold Time TA = TJ = TMIN to TMAX
50
ns
t7
Data In (SI) Set-Up Time to SC (Clock)
High
TA = TJ = TMIN to TMAX
30
ns
t8
SC (Clock) High to CS High Hold Time
TA = TJ = TMIN to TMAX
50
ns
6.8 Timing Diagrams
Figure 1. Data Output Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com