Electronic Components Datasheet Search
  English  ▼

X  

LM95071 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM95071
Description  LM95071 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM95071 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM95071 Datasheet HTML 5Page - Texas Instruments LM95071 Datasheet HTML 6Page - Texas Instruments LM95071 Datasheet HTML 7Page - Texas Instruments LM95071 Datasheet HTML 8Page - Texas Instruments LM95071 Datasheet HTML 9Page - Texas Instruments LM95071 Datasheet HTML 10Page - Texas Instruments LM95071 Datasheet HTML 11Page - Texas Instruments LM95071 Datasheet HTML 12Page - Texas Instruments LM95071 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Temperature
Sensor
Circuitry
Control
Logic
Temperature
Register
Manufacturer's
ID Register
Three-Wire
Serial Interface
14-Bit
Delta-Sigma
A/D Converter
SI/O
SC
VDD
LM95071/
LM95071-Q1
CS
9
LM95071
www.ti.com
SNIS137G – AUGUST 2004 – REVISED AUGUST 2019
Product Folder Links: LM95071
Submit Documentation Feedback
Copyright © 2004–2019, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The LM95071 temperature sensor incorporates a temperature sensor and 13-bit-plus-sign ΔΣ ADC (Delta-Sigma
Analog-to-Digital Converter). Compatibility of the LM95071's three-wire serial interface with SPI and
MICROWIRE allows simple communications with common microcontrollers and processors. Shutdown mode can
be used to optimize current drain for different applications. A Manufacturer/Device ID register identifies the
LM95071 as a Texas Instruments product.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Power Up and Power Down
The LM95071 always powers up in a known state and in the continuous conversion mode. Immediately after
power up, the LM95071 will output an erroneous code until the first temperature conversion has completed.
When the supply voltage is less than about 1.6V (typical), the LM95071 is considered powered down. As the
supply voltage rises above the nominal 1.6-V power up threshold, the internal registers are reset to the power up
default state described above.
8.3.2 Temperature Data Format
Temperature data is represented by a 14-bit, two's complement word with an LSB (Least Significant Bit) equal to
0.03125°C:
Table 1. Digital Output for Temperature Data
Temperature
Digital Output
Binary
Hex
+150°C
0100 1011 0000 0011
4B03
+125°C
0011 1110 1000 0011
3E83
+25°C
0000 1100 1000 0011
0C83
+0.03125°C
0000 0000 0000 0111
0007
0°C
0000 0000 0000 0011
0003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com