Electronic Components Datasheet Search
  English  ▼

X  

LM95071 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM95071
Description  LM95071 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM95071 Datasheet(HTML) 1 Page - Texas Instruments

  LM95071 Datasheet HTML 1Page - Texas Instruments LM95071 Datasheet HTML 2Page - Texas Instruments LM95071 Datasheet HTML 3Page - Texas Instruments LM95071 Datasheet HTML 4Page - Texas Instruments LM95071 Datasheet HTML 5Page - Texas Instruments LM95071 Datasheet HTML 6Page - Texas Instruments LM95071 Datasheet HTML 7Page - Texas Instruments LM95071 Datasheet HTML 8Page - Texas Instruments LM95071 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
GPIO
UCxSOMI (GPIO)
UCxSIMO
CS
SI/O
SC
VDD
GND
0.1 µF
SimpleLink
MSP432P4
LM95071
+3.3V
UCxCLK
10k
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM95071
SNIS137G – AUGUST 2004 – REVISED AUGUST 2019
LM95071 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
1
1 Features
1
•
Small SOT-23 package saves space
•
Shutdown mode conserves power between
temperature readings
•
Operates over a full
−40°C to +150°C range
•
SPI and MICROWIRE bus interface
•
Key specifications:
–
Supply voltage: 2.4 V to 5.5 V
–
Supply current:
–
Operating: 280 µA (typical)
–
Shutdown: 6 µA (typical)
–
Temperature accuracy:
–
0°C to 70°C ±1°C (maximum)
–
−40°C to 150°C ±2°C (maximum)
–
Temperature resolution: 0.03125°C
2 Applications
•
System thermal management
•
Portable electronic devices
•
Personal computers
•
Disk drives
•
Office electronics
•
Electronic test equipment
3 Description
The LM95071 is a low-power, high-resolution digital
temperature sensor with an SPI and MICROWIRE
compatible interface, available in the 5-pin SOT-23.
The host can query the LM95071 at any time to read
temperature. Its low operating current is useful in
systems where low power consumption is critical.
The LM95071 has 13-bit plus sign temperature
resolution (0.03125°C per LSB) while operating over
a temperature range of
−40°C to +150°C.
The 2.4-V to 5.5-V supply voltage range, fast
conversion rate, low supply current, and simple SPI
interface of the LM95071 make it ideal for a wide
range of applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM95071
SOT-23 (5)
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Temperature Monitor Application


Similar Part No. - LM95071

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM95071 TI1-LM95071 Datasheet
1,004Kb / 20P
LM95071/LM95071-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM95071 TI1-LM95071 Datasheet
1,010Kb / 20P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM95071 TI2-LM95071 Datasheet
656Kb / 22P
LM95071-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
DECEMBER 2018
LM95071-Q1 TI1-LM95071-Q1 Datasheet
1,004Kb / 20P
LM95071/LM95071-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM95071-Q1 TI1-LM95071-Q1 Datasheet
1,010Kb / 20P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
More results

Similar Description - LM95071

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM70 NSC-LM70 Datasheet
285Kb / 13P
SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
LM71 NSC-LM71 Datasheet
249Kb / 13P
SPI/MICROWIRE??13-Bit Plus Sign Temperature Sensor
LM70 NSC-LM70_06 Datasheet
691Kb / 14P
SPI/MICROWIRE 10-Bit plus Sign Digital Temperature
LM71 NSC-LM71_05 Datasheet
627Kb / 13P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM74 NSC-LM74_05 Datasheet
707Kb / 15P
SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
logo
Texas Instruments
LM95071 TI1-LM95071 Datasheet
1,004Kb / 20P
LM95071/LM95071-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM70CILD-3NOPB TI1-LM70CILD-3NOPB Datasheet
1Mb / 21P
LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
LM70 TI-LM70_15 Datasheet
1Mb / 22P
LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
LM71 TI-LM71_15 Datasheet
1Mb / 21P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM95071 TI1-LM95071_15 Datasheet
1,010Kb / 20P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com