Electronic Components Datasheet Search
  English  ▼

X  

LM95071 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM95071
Description  LM95071-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM95071 Datasheet(HTML) 4 Page - Texas Instruments

  LM95071 Datasheet HTML 1Page - Texas Instruments LM95071 Datasheet HTML 2Page - Texas Instruments LM95071 Datasheet HTML 3Page - Texas Instruments LM95071 Datasheet HTML 4Page - Texas Instruments LM95071 Datasheet HTML 5Page - Texas Instruments LM95071 Datasheet HTML 6Page - Texas Instruments LM95071 Datasheet HTML 7Page - Texas Instruments LM95071 Datasheet HTML 8Page - Texas Instruments LM95071 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
LM95071-Q1
SNIS207 – DECEMBER 2018
www.ti.com
Product Folder Links: LM95071-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
The life expectancy of the of the LM95071-Q1 will be reduced when operating at elevated temperatures. of the LM95071-Q1 θJA
(thermal resistance, junction-to-ambient) when attached to a printed-circuit board with 2-oz. foil is summarized in the table below.
6.3 Recommended Operating Ratings
MIN
MAX
UNIT
Specified temperature(1), TMIN to TMAX
−40
150
°C
Supply voltage (VDD)
2.4
5.5
V
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
LM95071-Q1
UNIT
DBV (SOT-23)
5 PINS
RθJA
Junction-to-ambient thermal resistance
167.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
118.8
°C/W
RθJB
Junction-to-board thermal resistance
30.7
°C/W
ψJT
Junction-to-top characterization parameter
14.4
°C/W
ψJB
Junction-to-board characterization parameter
30.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
°C/W
(1)
Limits are guaranteed to TI's AOQL (Average Outgoing Quality Level).
(2)
Typicals are at TA = 25°C and represent most likely parametric norm.
(3)
The of the LM95071-Q1 will operate properly over the VDD supply voltage range of 2.4V to 5.5V.
(4)
Following a power on reset, the user must allow at least 228 ms before making the first read transaction to ensure a first valid
temperature read. After the first read, in order to ensure an accurate temperature result, the time interval between any two consecutive
temperature reads must be greater than the maximum conversion time of 228 ms.
6.5 Temperature-to-Digital Converter Characteristics
Unless otherwise noted, these specifications apply for VDD = 3.3 V. All limits TA = TJ = +25°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
Temperature error(3)
VDD = 3.0V to 3.6V; TA = 0°C to +70°C, TA = TJ = TMIN to TMAX
±1.0
°C
VDD = 3.0V to 3.6V; TA = −40°C to +150°C, TA = TJ = TMIN to TMAX
±2.0
°C
Line regulation
VDD = 3.6V to 5.5V; TA = 0°C to +70°C
+0.3
°C/V
VDD = 3.0V to 2.4V; TA = 0°C to +70°C
-0.6
Resolution
14
0.03125
Bits
°C
Temperature
conversion time
See (4)
TA = TJ = +25°C
130
ms
TA = TJ = TMIN to TMAX
228
Quiescent current
Operating, serial bus inactive
TA = TJ = +25°C
280
µA
TA = TJ = TMIN to TMAX
520
Shutdown
TA = TJ = +25°C
6
µA
TA = TJ = TMIN to TMAX
28
(1)
The of the LM95071-Q1 will operate properly over the VDD supply voltage range of 2.4V to 5.5V.
(2)
Limits are guaranteed to TI's AOQL (Average Outgoing Quality Level).
(3)
Typicals are at TA = 25°C and represent most likely parametric norm.
6.6 Logic Electrical Characteristics - Digital DC Characteristics
Unless otherwise noted, these specifications apply for VDD = 2.4 V to 5.5 V
(1).
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
VIN(1)
Logical “1” Input
Voltage
TA = TJ = TMIN to TMAX
0.7 × VDD
VDD + 0.3
V
VIN(0)
Logical “0” Input
Voltage
TA = TJ = TMIN to TMAX
−0.3
0.3 × VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com