Electronic Components Datasheet Search
  English  ▼

X  

LM95071 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM95071
Description  LM95071-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM95071 Datasheet(HTML) 5 Page - Texas Instruments

  LM95071 Datasheet HTML 1Page - Texas Instruments LM95071 Datasheet HTML 2Page - Texas Instruments LM95071 Datasheet HTML 3Page - Texas Instruments LM95071 Datasheet HTML 4Page - Texas Instruments LM95071 Datasheet HTML 5Page - Texas Instruments LM95071 Datasheet HTML 6Page - Texas Instruments LM95071 Datasheet HTML 7Page - Texas Instruments LM95071 Datasheet HTML 8Page - Texas Instruments LM95071 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
CS
SC
SO
t3
t2
t4
t1
t4
tr
tf
5
LM95071-Q1
www.ti.com
SNIS207 – DECEMBER 2018
Product Folder Links: LM95071-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Logic Electrical Characteristics - Digital DC Characteristics (continued)
Unless otherwise noted, these specifications apply for VDD = 2.4 V to 5.5 V
(1).
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
Input Hysteresis
Voltage
VDD = 3 V to 3.6 V
TA = TJ = +25°C
0.4
V
TA = TJ = TMIN to TMAX
0.33
IIN(1)
Logical “1” Input
Current
VIN = VDD
TA = TJ = +25°C
0.005
µA
TA = TJ = TMIN to TMAX
3
IIN(0)
Logical “0” Input
Current
VIN = 0 V
TA = TJ = +25°C
−0.005
µA
TA = TJ = TMIN to TMAX
−3
CIN
All Digital Inputs
TA = TJ = +25°C
20
pF
VOH
High Level
Output Voltage
IOH = −400 µA, TA = TJ = TMIN to TMAX
2.25
V
VOL
Low Level
Output Voltage
IOL = +1.6 mA, TA = TJ = TMIN to TMAX
0.4
V
IO_TRI-
STATE
TRI-STATE
®Output
Leakage Current
VO = GND
VO = VDD, TA = TJ = TMIN to TMAX
−1
+1
µA
(1)
The of the LM95071-Q1 will operate properly over the VDD supply voltage range of 2.4V to 5.5V.
(2)
Limits are guaranteed to TI's AOQL (Average Outgoing Quality Level).
(3)
Typicals are at TA = 25°C and represent most likely parametric norm.
6.7 Logic Electrical Characteristics - Serial Bus Digital Switching Characteristics
Unless otherwise noted, these specifications apply for VDD = 2.4 V to 5.5 V
(1); C
L (load capacitance) on output lines = 100 pF
unless otherwise specified.
MIN(2)
TYP(3)
MAX(2)
UNIT
t1
SC (Clock) Period
TA = TJ = TMIN to TMAX
0.16
µs
TA = TJ = +25°C
DC
t2
CS Low to SC (Clock) High Set-Up Time
TA = TJ = TMIN to TMAX
100
ns
t3
CS Low to Data Out (SO) Delay
TA = TJ = TMIN to TMAX
70
ns
t4
SC (Clock) Low to Data Out (SO) Delay
TA = TJ = TMIN to TMAX
70
ns
t5
CS High to Data Out (SO) TRI-STATE
TA = TJ = TMIN to TMAX
200
ns
t6
SC (Clock) High to Data In (SI) Hold Time TA = TJ = TMIN to TMAX
50
ns
t7
Data In (SI) Set-Up Time to SC (Clock)
High
TA = TJ = TMIN to TMAX
30
ns
t8
SC (Clock) High to CS High Hold Time
TA = TJ = TMIN to TMAX
50
ns
6.8 Timing Diagrams
Figure 1. Data Output Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com