Electronic Components Datasheet Search
  English  ▼

X  

LM5575 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM5575
Description  LM5575-Q1 75-V, 1.5-A Step-down Switching Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5575 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5575 Datasheet HTML 17Page - Texas Instruments LM5575 Datasheet HTML 18Page - Texas Instruments LM5575 Datasheet HTML 19Page - Texas Instruments LM5575 Datasheet HTML 20Page - Texas Instruments LM5575 Datasheet HTML 21Page - Texas Instruments LM5575 Datasheet HTML 22Page - Texas Instruments LM5575 Datasheet HTML 23Page - Texas Instruments LM5575 Datasheet HTML 24Page - Texas Instruments LM5575 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
REF LEVEL
0.000 dB
0.0 deg
100
1k
START 50.000 Hz
10k
STOP 50 000.000 Hz
/DIV
10.000 dB
45.000 deg
0
GAIN
PHASE
REF LEVEL
0.000 dB
0.0 deg
100
1k
START 100.000 Hz
10k
STOP 100 000.000 Hz
/DIV
10.000 dB
45.000 deg
0
GAIN
PHASE
100k
21
LM5575-Q1
www.ti.com
SNOSB23F – OCTOBER 2008 – REVISED JULY 2019
Product Folder Links: LM5575-Q1
Submit Documentation Feedback
Copyright © 2008–2019, Texas Instruments Incorporated
Typical Application (continued)
RLOAD = 5 Ω
COUT = 130 µF
Figure 18. Gain and Phase of Modulator
Components R4 and C5 configure the error amplifier as a type II configuration which has a pole at DC and a
zero at fZ = 1 / (2πR4C5). The error amplifier zero cancels the modulator pole and leaves a single pole response
at the crossover frequency of the loop gain. A single pole response at the crossover frequency yields a very
stable loop with 90 degrees of phase margin.
For the design example, a target loop bandwidth (crossover frequency) of 15 kHz was selected. Select the
compensation network zero (fZ) at least an order of magnitude less than the target crossover frequency. This
constrains the product of R4 and C5 for a desired compensation network zero 1 / (2π R4 C5) to be less than 2
kHz. If the user increases R4 while they proportionally decrease C5, the error amp gain increases. Conversely, if
the user decreases R4 while proportionally they increase C5, the error amp gain decreases. For the design
example, C5 was selected for 0.01 µF and R4 was selected for 49.9 k
Ω. These values configure the
compensation network zero at 320 Hz. The error amp gain at frequencies greater than fZ is: R4 / R5, which is
approximately 10 (20 dB).
Figure 19. Error Amplifier Gain and Phase
The overall loop can be predicted as the sum (in dB) of the modulator gain and the error amp gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com