Electronic Components Datasheet Search
  English  ▼

X  

LM5575 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM5575
Description  LM5575-Q1 75-V, 1.5-A Step-down Switching Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5575 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5575 Datasheet HTML 8Page - Texas Instruments LM5575 Datasheet HTML 9Page - Texas Instruments LM5575 Datasheet HTML 10Page - Texas Instruments LM5575 Datasheet HTML 11Page - Texas Instruments LM5575 Datasheet HTML 12Page - Texas Instruments LM5575 Datasheet HTML 13Page - Texas Instruments LM5575 Datasheet HTML 14Page - Texas Instruments LM5575 Datasheet HTML 15Page - Texas Instruments LM5575 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
SYNC
10k
S
R
Q
Q
DEADTIME
ONE-SHOT
5V
2.5V
I = f(RT)
SYNC
LM5575
UP TO 5 TOTAL
DEVICES
LM5575
SYNC
SYNC
AGND
LM5575
SW
CLK
SYNC
SW
500 ns
12
LM5575-Q1
SNOSB23F – OCTOBER 2008 – REVISED JULY 2019
www.ti.com
Product Folder Links: LM5575-Q1
Submit Documentation Feedback
Copyright © 2008–2019, Texas Instruments Incorporated
Device Functional Modes (continued)
Figure 9. Sync From External Clock
Figure 10. Sync From Multiple Devices
Multiple LM5575-Q1 devices can be synchronized together simply by connecting the SYNC pins together. In this
configuration, all of the devices will be synchronized to the highest frequency device. The diagram in Figure 11
shows the SYNC input and output features of the LM5575-Q1. The internal oscillator circuit drives the SYNC pin
with a strong pulldown and weak pullup inverter. When the SYNC pin is pulled low either by the internal oscillator
or an external clock, the ramp cycle of the oscillator is terminated and a new oscillator cycle begins. Thus, if the
SYNC pins of several LM5575-Q1 ICs are connected together, the IC with the highest internal clock frequency
pulls the connected SYNC pins low first and terminate the oscillator ramp cycles of the other ICs. The LM5575-
Q1 with the highest programmed clock frequency will serve as the master and control the switching frequency of
the all the devices with lower oscillator frequency.
Figure 11. Simplified Oscillator Block Diagram and Sync I/O Circuit
7.4.3 Error Amplifier and PWM Comparator
The internal high-gain error amplifier generates an error signal proportional to the difference between the
regulated output voltage and an internal precision reference (1.225 V). The output of the error amplifier is
connected to the COMP pin, which allows the user to provide loop compensation components, generally a type II
network, as shown in Functional Block Diagram. This network creates a pole at DC, a zero and a noise-reducing,
high-frequency pole. The PWM comparator compares the emulated current sense signal from the RAMP
generator to the error amplifier output voltage at the COMP pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com