Electronic Components Datasheet Search
  English  ▼

X  

TS1582 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS1582
Description  3A Dual Input LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1582 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS1582 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1582 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1582 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1582 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1582 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1582 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1582 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1582 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS1582 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TS1582
3A Dual Input LDO
2/9
Version: A07
Absolute Maximum Rating
Parameter
Symbol
Value
Units
Input Supply Voltage
V Power
V Control
Vpower
Vcontrol
7
13
V
Power Dissipation
PD
Internally Limited
W
Operating Junction Temperature Range
TJ
0 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
10
S
Electrical Characteristics Ta=+25°C, Ccontrol=Cpower=Cout=10uF unless Specified
Parameter
Conditions
Min
Typ
Max
Unit
VCONTROL = 4.5V, VPOWER = 2.05V, IO = 10mA
1.238
1.262
Reference Voltage
(Adj. Voltage Versions)
VCONTROL = 4.5V, VPOWER = 2.05V,
IO = 10mA to 3A
1.230
1.250
1.270
V
VCONTROL = 5V, VPOWER =VOUT+0.8V, IO = 10mA
-1.0
+1.0
Output Voltage
(Fixed Voltage Versions)
VCONTROL = 5V, VPOWER = VOUT +0.8V,
IO = 10mA to 3A
-1.6
VOUT
+1.6
%
Line Regulation
VCONTROL = (VOUT +1.5V) to 12V,
VPOWER = (VOUT +0.8V) to 5.5V, IO = 10mA
--
0.04
0.2
%
Load Regulation
VCONTROL = (VOUT +2.5V),
VPOWER = (VOUT +0.8V), IO = 10mA to 3A
--
0.08
0.4
%
Mini. Load Current (Note 2)
VCONTROL =5V, VPOWER= 3.3V, VADJ=0V
--
5
10
mA
Control Pin Current
(Note 3)
VCONTROL = (VOUT +2.5V),
VPOWER = (VOUT +0.8V), IO = 10mA to 3A
--
80
135
mA
Adjust Pin Current
VCONTROL = 2.75V, VPOWER = 2.05, VADJ = 0V,
IO = 10mA
--
50
120
uA
Current Limit
VPOWER - VOUT = 3V
5.5
6.8
--
A
Ripple Rejection
VCONTROL = VPOWER = 5V, VRIPPLE = 1V,
IO = 2.3A, f = 120kHz
60
80
--
dB
Thermal Regulation
30mS pulse
--
0.003
--
%/W
Dropout Voltage (Note 4)
VCONTROL = (VOUT +2.5V), IO = 3A
--
0.55
0.70
V
Note1: VOUT = VSENSE, VADJ = 0V unless otherwise specified.
Note2: For the adjustable device the minimum load current is the minimum current required to maintain regulation,
normally the current in the resistor divider used to set the output voltage is selected to meet the minimum load
current requirement.
Note3: The control pin current is the drive current required for the output transistor, this current will track output current
with a ratio of about 1:100
Note4: If the same voltage is input to both VPOWER and VCONTROL, then the dropout voltage will become 1.3V maximum,
and minimum input/output voltage required to maintain 1% regulation.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com