Electronic Components Datasheet Search
  English  ▼

X  

TS1582 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS1582
Description  3A Dual Input LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1582 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS1582 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1582 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1582 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1582 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1582 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1582 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1582 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1582 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS1582 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TS1582
3A Dual Input LDO
1/9
Version: A07
TO-220-5L
TO-263-5L
(D
2PAK)
General Description
The TS1582 family is a positive adjustable and fixed voltage regulator developed to provide 3A with Higher efficiency
than currently available devices. All internal circuit is designed to operate down to 700mV input to output differential
and the dropout voltage is fully specified as a function of load current. Dropout voltage of the device is 100mV at light
loads and rising to 700mV at maximum output current. A Second low current input is required to achieve this dropout.
The TS1582 series are designed to prevent device failure under the worst operation condition with both Thermal
Shutdown and Current Fold-back.
Features
●
Very low dropout voltage: 700mV @3A
●
Output current up to 3A
●
Low current Consumption
●
High Accuracy Output Voltage: ±1%
●
Fast transient response
●
Remote sense
●
Internal current limit
●
Thermal shutdown protection
Ordering Information
Part No.
Package
Packing
TS1582CZ5 C0
TO-220-5L
50pcs / Tube
TS1582CZ5xx C0
TO-220-5L
50pcs / Tube
TS1582CM5 RN
TO-263-5L
800pcs / 13” Reel
TS1582CM5xx RN
TO-263-5L
800pcs / 13” Reel
Note: Where xx denotes voltage option, available are
3.3V, 2.5V & 1.8V. Leave blank for adjustable
version.
Contact factory for additional voltage options.
Applications
●
High efficiency linear regulator
●
Post regulators for switching supplies
●
Advance graphic card
●
Adjustable power supply
Block Diagram
Typical Application Circuit
Pin Definition:
1. Sense
2. Adj / Gnd
3. Output
4. V Control
5. V Power


Similar Part No. - TS1582

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1582 TSC-TS1582 Datasheet
135Kb / 7P
3A Dual Input Low Dropout Positive Voltage Regulator
TS1582CM5 TSC-TS1582CM5 Datasheet
135Kb / 7P
3A Dual Input Low Dropout Positive Voltage Regulator
TS1582CM52.5 TSC-TS1582CM52.5 Datasheet
135Kb / 7P
3A Dual Input Low Dropout Positive Voltage Regulator
TS1582CM525 TSC-TS1582CM525 Datasheet
135Kb / 7P
3A Dual Input Low Dropout Positive Voltage Regulator
TS1582CM53.3 TSC-TS1582CM53.3 Datasheet
135Kb / 7P
3A Dual Input Low Dropout Positive Voltage Regulator
More results

Similar Description - TS1582

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8845 AME-AME8845 Datasheet
177Kb / 18P
3A CMOS LDO
logo
Taiwan Semiconductor Co...
TS1583 TSC-TS1583_07 Datasheet
432Kb / 9P
1.5A Dual Input LDO
TS1581 TSC-TS1581_07 Datasheet
431Kb / 9P
5A Dual Input LDO
logo
Micrel Semiconductor
MIC47300 MICREL-MIC47300 Datasheet
441Kb / 11P
3A, Low Voltage, Adjustable LDO Regulator with Dual Input Supply
logo
Advanced Monolithic Sys...
AMS1085 AMS-AMS1085 Datasheet
2Mb / 11P
3A LDO VOLTAGE REGULATOR
logo
Analog Microelectronics
AME8845 AME-AME8845_11 Datasheet
180Kb / 19P
3A CMOS LDO
logo
Cystech Electonics Corp...
EM5103 CYSTEKEC-EM5103 Datasheet
756Kb / 12P
3A Low Dropout LDO
logo
Renesas Technology Corp
RAA23021X RENESAS-RAA23021X_15 Datasheet
1Mb / 36P
5.5V Input, 3A, Step-Down DC/DC Converter LDO
logo
Excelliance MOS Corp.
EM5106 EXCELLIANCE-EM5106 Datasheet
396Kb / 10P
3A Low Dropout LDO
logo
Renesas Technology Corp
RAA23021X RENESAS-RAA23021X Datasheet
1Mb / 36P
5.5V Input, 3A, Step-Down DC/DC Converter LDO
Jul 23, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com