Electronic Components Datasheet Search
  English  ▼

X  

TS1582 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS1582
Description  3A Dual Input LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1582 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS1582 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1582 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1582 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1582 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1582 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1582 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1582 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1582 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS1582 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TS1582
3A Dual Input LDO
4/9
Version: A07
Application Information (Continue)
Grounding and Output Sensing
The TS1582 allows true Kelvin sensing for both the high & low side of the load. A result the voltage regulation at the
load can be easily optimized. Voltage drops due to parasitic resistances between the regulator and the load can be
placed inside the regulation loop. The advantages of remote sensing are illustrated in Figure 1 through 3.
Figure 1 show the device connected as a conventional 3 terminal regulator with the Sense lead connected directly to
the output of the device. Rp is the parasitic resistance of the connections between the device and the load. Trace A of
Figure 3 illustrates the effect of Rp.
Figure 2 show the device connected to take advantage of the remote sense feature. The Sense Pin and the top of the
resistor divider are connected to the top of the load; the bottom of the resistor divider is connected to the bottom of the
load.
Figure 1. Conventional Load Sensing
Figure 2. Remote Load Sensing
The effect on output regulation can be seen in trace B of Figure 3. It is important to note that the voltage drops due to
Rp are not eliminated; they will add to the dropout voltage of the regulator regardless. The TS1582 can control the
voltage at the load as long as the input-output voltage is greater than the total of the dropout voltage of the device plus
the voltage drop across Rp
Figure 3. Remote Sensing Improves Load
Regulation
Figure 4. Illustrates there transient effects



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com