Electronic Components Datasheet Search
  English  ▼

X  

48M033 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # 48M033
Description  2.5 V, 3 V, 3.3 V, 3.45 V, 4 V, 5 V Three-Terminal Low Dropout Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

48M033 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  48M033 Datasheet HTML 1Page - Toshiba Semiconductor 48M033 Datasheet HTML 2Page - Toshiba Semiconductor 48M033 Datasheet HTML 3Page - Toshiba Semiconductor 48M033 Datasheet HTML 4Page - Toshiba Semiconductor 48M033 Datasheet HTML 5Page - Toshiba Semiconductor 48M033 Datasheet HTML 6Page - Toshiba Semiconductor 48M033 Datasheet HTML 7Page - Toshiba Semiconductor 48M033 Datasheet HTML 8Page - Toshiba Semiconductor 48M033 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TA48M025,03,033,0345,04,05F
2008-12-12
5
TA48M04F
Electrical Characteristics
(unless otherwise specified, VIN = 6 V, IOUT = 250 mA, Tj = 25°C, CIN = 0.1 μF, COUT = 10 μF)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
⎯
⎯
3.84
4.0
4.16
Output voltage
VOUT
⎯
5 V
≤ VIN ≤ 16 V,
5 mA
≤ IOUT ≤ 500 mA,
0°C
≤ Tj ≤ 125°C
3.8
4.0
4.2
V
Line regulation
Reg·line
⎯
5 V
≤ VIN ≤ 16 V
⎯
11
28
mV
Load regulation
Reg·load
⎯
5 mA
≤ IOUT ≤ 500 mA
⎯
45
115
mV
⎯
5 V
≤ VIN ≤ 16 V,
IOUT = 0 mA
⎯
0.9
1.4
Quiescent current
IB
⎯
5 V
≤ VIN ≤ 16 V,
IOUT = 250 mA
⎯
13
25
mA
Output noise voltage
VNO
⎯
10 Hz
≤ f ≤ 100 kHz,
IOUT = 50 mA
⎯
110
⎯
μVrms
Ripple rejection
R.R.
⎯
f
= 120 Hz, 5 V ≤ VIN ≤ 16 V,
IOUT = 50 mA
58
68
⎯
dB
⎯
IOUT = 250 mA
⎯
0.17
0.35
Dropout voltage
VD
⎯
IOUT = 500 mA
⎯
0.35
0.65
V
Peak circuit current
IPEAK
⎯
⎯
0.60
1.25
1.50
A
Short circuit current
ISC
⎯
⎯
0.60
1.25
1.50
A
TA48M05F
Electrical Characteristics
(unless otherwise specified, VIN = 7 V, IOUT = 250 mA, Tj = 25°C, CIN = 0.1 μF, COUT = 10 μF)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
⎯
⎯
4.8
5.0
5.2
Output voltage
VOUT
⎯
6 V
≤ VIN ≤ 18 V,
5 mA
≤ IOUT ≤ 500 mA,
0°C
≤ Tj ≤ 125°C
4.75
5.0
5.25
V
Line regulation
Reg·line
⎯
6 V
≤ VIN ≤ 18 V
⎯
15
35
mV
Load regulation
Reg·load
⎯
5 mA
≤ IOUT ≤ 500 mA
⎯
50
135
mV
⎯
6 V
≤ VIN ≤ 18 V,
IOUT = 0 mA
⎯
1.0
1.4
Quiescent current
IB
⎯
6 V
≤ VIN ≤ 18 V,
IOUT = 250 mA
⎯
13
25
mA
Output noise voltage
VNO
⎯
10 Hz
≤ f ≤ 100 kHz,
IOUT = 50 mA
⎯
125
⎯
μVrms
Ripple rejection
R.R.
⎯
f
= 120 Hz, 6 V ≤ VIN ≤ 18 V,
IOUT = 50 mA
58
68
⎯
dB
⎯
IOUT = 250 mA
⎯
0.17
0.35
Dropout voltage
VD
⎯
IOUT = 500 mA
⎯
0.35
0.65
V
Peak circuit current
IPEAK
⎯
⎯
0.60
1.30
1.55
A
Short circuit current
ISC
⎯
⎯
0.60
1.30
1.55
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com