Electronic Components Datasheet Search
  English  ▼

X  

48M033 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # 48M033
Description  2.5 V, 3 V, 3.3 V, 3.45 V, 4 V, 5 V Three-Terminal Low Dropout Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

48M033 Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button 48M033 Datasheet HTML 2Page - Toshiba Semiconductor 48M033 Datasheet HTML 3Page - Toshiba Semiconductor 48M033 Datasheet HTML 4Page - Toshiba Semiconductor 48M033 Datasheet HTML 5Page - Toshiba Semiconductor 48M033 Datasheet HTML 6Page - Toshiba Semiconductor 48M033 Datasheet HTML 7Page - Toshiba Semiconductor 48M033 Datasheet HTML 8Page - Toshiba Semiconductor 48M033 Datasheet HTML 9Page - Toshiba Semiconductor 48M033 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TA48M025,03,033,0345,04,05F
2008-12-12
6
Standard Application Circuit
• Place
CIN as close as possible to the input terminal and GND. Place COUT as close as possible to the output
terminal and GND. Although capacitor
COUT acts to smooth the DC output voltage during suspension of
output oscillation or load change, it might cause output oscillation in a cold environment due to increased
capacitor ESR. It is therefore recommended to use a capacitor with small variations temperature sensitivity.
The IC may oscillate due to external conditions (output current, temperature, or the type of the capacitor used).
The type of capacitor required must be determined by the actual application circuit in which the IC is used.
Usage Precautions
• Low voltage
Do not apply voltage to the Product that is lower than the minimum operating voltage, or the Product’s
protective functions will not operate properly and the Product may be permanently damaged.
• Overcurrent Protection
The overcurrent protection circuits in the Product are designed to temporarily protect Product from minor
overcurrent of brief duration. When the overcurrent protective function in the Product activates,
immediately cease application of overcurrent to Product. Improper usage of Product, such as application of
current to Product exceeding the absolute maximum ratings, could cause the overcurrent protection circuit
not to operate properly and/or damage Product permanently even before the protection circuit starts to
operate.
• Overheating Protection
The thermal shutdown circuits in the Product are designed to temporarily protect Product from minor
overheating of brief duration. When the overheating protective function in the Product activates,
immediately correct the overheating situation. Improper usage of Product, such as the application of heat to
Product exceeding the absolute maximum ratings, could cause the overheating protection circuit not to
operate properly and/or damage Product permanently even before the protection circuit starts to operate.
• Overvoltage Protection
The overvoltage protection circuits in the Product are designed to temporarily protect Product from minor
overvoltage of brief duration. When the overvoltage protective function in the Product activates,
immediately cease application of overvoltage to Product. Improper usage of Product, such as application of
voltage to Product exceeding the absolute maximum ratings, could cause the overvoltage protection circuit
not to operate properly and/or damage Product permanently even before the protection circuit starts to
operate.
3
VOUT
VIN
1
2
TA48M**F



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com