Electronic Components Datasheet Search
  English  ▼

X  

48M033 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 48M033
Description  2.5 V, 3 V, 3.3 V, 3.45 V, 4 V, 5 V Three-Terminal Low Dropout Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

48M033 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  48M033 Datasheet HTML 1Page - Toshiba Semiconductor 48M033 Datasheet HTML 2Page - Toshiba Semiconductor 48M033 Datasheet HTML 3Page - Toshiba Semiconductor 48M033 Datasheet HTML 4Page - Toshiba Semiconductor 48M033 Datasheet HTML 5Page - Toshiba Semiconductor 48M033 Datasheet HTML 6Page - Toshiba Semiconductor 48M033 Datasheet HTML 7Page - Toshiba Semiconductor 48M033 Datasheet HTML 8Page - Toshiba Semiconductor 48M033 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TA48M025,03,033,0345,04,05F
2008-12-12
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA48M025F,TA48M03F,TA48M033F
TA48M0345F,TA48M04F,TA48M05F
2.5 V, 3 V, 3.3 V, 3.45 V, 4 V, 5 V
Three-Terminal Low Dropout Voltage Regulator
The TA48M**F series consists of fixed-positive-output, low
dropout regulators with an output current of 500 mA (max). In
response to the need for low voltage devices, the series offers
devices with low output voltages of 2.5 V, 3.3 V etc.
Features
• Maximum output current of 0.5 A
• Low standby current: 800 μA (typ.)
• Low dropout voltage: 0.65 V (max) @IOUT = 0.5 A
• Protection function:
overcurrent/overheat/overvoltage/reversed power supply
connections.
• New PW-Mold package (Surface-mount type)
Pin Assignment
Marking
Note 2: The “**” part of each product number varies according to the output voltage of the product.
The product(s) in this document (“Product”) contain functions intended to protect the Product from
temporary small overloads such as minor short-term overcurrent, overvoltage, or overheating. The
protective functions do not necessarily protect Product under all circumstances. When incorporating
Product into your system, please design the system (1) to avoid such overloads upon the Product, and (2)
to shut down or otherwise relieve the Product of such overload conditions immediately upon occurrence.
For details, please refer to the notes appearing below in this document and other documents referenced
in this document.
HSOP3-P-2.30D
Weight
HSOP3-P-2.30D: 0.36 g ( typ.)
Marking side
3
2
1
IN
GND OUT
Note 1: A line under a Lot No. identifies the indication of product Labels.
Not underlined: [[Pb]]/INCLUDES > MCV
Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to
environmental matters such as the RoHS compatibility of Product. The
RoHS is the Directive 2002/95/EC of the European Parliament and of the
Council of 27 January 2003 on the restriction of the use of certain
hazardous substances in electrical and electronic equipment.
Lot No.
Note 1
Product No.(or abbreviation code)
1
2
48M**F
3


Similar Part No. - 48M033

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
48M033 TOSHIBA-48M033 Datasheet
350Kb / 12P
Three-Terminal Low Dropout Voltage Regulator
48M033F TOSHIBA-48M033F Datasheet
350Kb / 12P
Three-Terminal Low Dropout Voltage Regulator
More results

Similar Description - 48M033

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48L018F TOSHIBA-TA48L018F Datasheet
188Kb / 10P
1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A
TA48018F TOSHIBA-TA48018F Datasheet
265Kb / 12P
1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
logo
Allegro MicroSystems
SI-3002KWD ALLEGRO-SI-3002KWD Datasheet
440Kb / 9P
1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3002KWM ALLEGRO-SI-3002KWM Datasheet
368Kb / 9P
1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3002KWF ALLEGRO-SI-3002KWF Datasheet
261Kb / 6P
1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
logo
Toshiba Semiconductor
TA78DS05BP TOSHIBA-TA78DS05BP_06 Datasheet
528Kb / 11P
5 V, 6 V, 8 V, 9 V, 10 V, 12 V, 15 V Low Dropout Voltage Regulator
TA48018F TOSHIBA-TA48018F_06 Datasheet
298Kb / 12P
1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
logo
Infineon Technologies A...
TLE4296 INFINEON-TLE4296_08 Datasheet
226Kb / 12P
Low Drop Voltage Regulator Three versions: 3.0 V, 3.3 V, 5.0 V
Rev. 1.1, 2008-04-21
TLE4274 INFINEON-TLE4274_08 Datasheet
225Kb / 13P
Voltage Regulator Output voltage: 3.3 V/2.5 V 짹 4%
Rev. 2.3, 2008-03-10
logo
STMicroelectronics
L5150GJ STMICROELECTRONICS-L5150GJ Datasheet
554Kb / 29P
5 V low dropout voltage regulator
02-Oct-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com