Electronic Components Datasheet Search
  English  ▼

X  

68HC705PL4 Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # 68HC705PL4
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705PL4 Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button 68HC705PL4 Datasheet HTML 67Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 68Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 69Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 70Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 71Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 72Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 73Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 74Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 98 page
background image
April 30, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05PL4
INSTRUCTION SET
REV 2.0
12-3
12.1.7 Indexed, 16-Bit Offset
Indexed, 16-bit offset instructions are three-byte instructions that can access data
with variable addresses at any location in memory. The CPU adds the unsigned
byte in the index register to the two unsigned bytes following the opcode. The sum
is the conditional address of the operand. The rst byte after the opcode is the
high byte of the 16-bit offset; the second byte is the low byte of the offset. These
instructions can address any location in memory.
Indexed, 16-bit offset instructions are useful for selecting the kth element in an
n-element table anywhere in memory.
As with direct and extended addressing, the Freescale assembler determines the
shortest form of indexed addressing.
12.1.8 Relative
Relative addressing is only for branch instructions. If the branch condition is true,
the CPU nds the conditional branch destination by adding the signed byte
following the opcode to the contents of the program counter. If the branch
condition is not true, the CPU goes to the next instruction. The offset is a signed,
two’s complement byte that gives a branching range of –128 to +127 bytes from
the address of the next location after the branch instruction.
When using the Freescale assembler, the programmer does not need to calculate
the offset, because the assembler determines the proper offset and veri es that it
is within the span of the branch.
12.1.9 Instruction Types
The MCU instructions fall into the following v e categories:
•
Register/Memory Instructions
•
Read-Modify-Write Instructions
•
Jump/Branch Instructions
•
Bit Manipulation Instructions
•
Control Instructions
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com