Electronic Components Datasheet Search
  English  ▼

X  

68HC705PL4 Datasheet(PDF) 93 Page - Freescale Semiconductor, Inc

Part # 68HC705PL4
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705PL4 Datasheet(HTML) 93 Page - Freescale Semiconductor, Inc

Back Button 68HC705PL4 Datasheet HTML 89Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 90Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 91Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 92Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 93Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 94Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 95Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 96Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 97Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 98 page
background image
April 30, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05PL4
REV 2.0
A-3
PGM – EPROM ProGraM command
0 = Programming power is switched OFF from EPROM array.
1 = Programming power is switched ON to EPROM array. If ELAT
≠ 1,
then PGM = 0.
A.4.2 Programming Sequence
The EPROM programming sequence is:
1. Set the ELAT bit
2. Write the data to the address to be programmed
3. Set the PGM bit
4. Delay for a time tPGMR
5. Clear the PGM bit
6. Clear the ELAT bit
The last two steps must be performed with separate CPU writes.
CAUTION
It is important to remember that an external programming voltage
must be applied to the VPP pin while programming, but it should be
equal to VDD during normal operations.
Figure A-2
shows the o w required to successfully program the EPROM.
A.5
EPROM PROGRAMMING SPECIFICATIONS
Table A-2. EPROM Programming Electrical Characteristics
(VDD = 4V ±10%, VSS = 0 Vdc, TA = 0°C to +70°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Programming Voltage
VPP
—
12.5
—
V
Programming Current
IPP
—
5
10
mA
Programming Time per byte
tEPGM
—1—
ms
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com