Electronic Components Datasheet Search
  English  ▼

X  

68HC705PL4 Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # 68HC705PL4
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705PL4 Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button 68HC705PL4 Datasheet HTML 83Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 84Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 85Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 86Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 87Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 88Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 89Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 90Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 98 page
background image
April 30, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05PL4
ELECTRICAL SPECIFICATIONS
REV 2.0
13-5
13.7
CONTROL TIMING (4V)
NOTES:
1. VDD = 4.0V, VSS = 0 V, TL ≤ TA ≤ TH, unless otherwise noted.
2. The minimum period TILIL should not be less than the number of cycle times it takes to execute the
interrupt service routine plus 21 tCYC.
13.8
CONTROL TIMING (2V)
NOTES:
1. VDD = 2.0V, VSS = 0 V, TL ≤ TA ≤ TH, unless otherwise noted.
2. The minimum period TILIL should not be less than the number of cycle times it takes to execute the
interrupt service routine plus 21 tCYC.
Characteristic
Symbol
Min
Max
Unit
Frequency of Oscillation (OSC)
RC Oscillator Option
Crystal Oscillator Option
External Clock Source
fOSC
fOSC
fOSC
200
0.1
DC
500
5.12
5.12
kHz
MHz
MHz
Internal Operating Frequency, Crystal or External Clock (fOSC/2)
RC Oscillator Option
Crystal Oscillator Option
External Clock Source
fOP
fOP
fOP
100
0.05
DC
250
2.56
2.56
kHz
MHz
MHz
Cycle Time
RC Oscillator Option
External oscillator or clock source
tCYC
tCYC
4
0.39
—
—
µs
µs
OSC1 Pulse Width (external clock input)
tOH,tOL
195
—
ns
Timer
Resolution
Input Capture (TCAP) pulse width
tRESL
tTH, tTL
4
284
—
—
tCYC
ns
Interrupt Pulse Width Low (Edge-Triggered)
tILIH
284
—
ns
Interrupt Pulse Period
tILIL
see note 2
—
tCYC
Characteristic
Symbol
Min
Max
Unit
Frequency of Oscillation (OSC)
RC Oscillator Option
Crystal Oscillator Option
External Clock Source
fOSC
fOSC
fOSC
200
0.1
DC
500
2
2
kHz
MHz
MHz
Internal Operating Frequency, Crystal or External Clock (fOSC/2)
RC Oscillator Option
Crystal Oscillator Option
External Clock Source
fOP
fOP
fOP
100
0.05
DC
250
1
1
kHz
MHz
MHz
Cycle Time
RC Oscillator Option
External oscillator or clock source
tCYC
tCYC
4
1
—
—
µs
µs
OSC1 Pulse Width (external clock input)
tOH,tOL
5—
ns
Timer
Resolution
Input Capture (TCAP) pulse width
tRESL
tTH, tTL
4
284
—
—
tCYC
ns
Interrupt Pulse Width Low (Edge-Triggered)
tILIH
284
—
ns
Interrupt Pulse Period
tILIL
see note 2
—
tCYC
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com