Electronic Components Datasheet Search
  English  ▼

X  

LP3923 Datasheet(PDF) 15 Page - Texas Instruments

Part # LP3923
Description  LP3923 Cellular Phone Power Management Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3923 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP3923 Datasheet HTML 11Page - Texas Instruments LP3923 Datasheet HTML 12Page - Texas Instruments LP3923 Datasheet HTML 13Page - Texas Instruments LP3923 Datasheet HTML 14Page - Texas Instruments LP3923 Datasheet HTML 15Page - Texas Instruments LP3923 Datasheet HTML 16Page - Texas Instruments LP3923 Datasheet HTML 17Page - Texas Instruments LP3923 Datasheet HTML 18Page - Texas Instruments LP3923 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
LP3923
www.ti.com
SNVS567B – APRIL 2010 – REVISED MAY 2013
LP3923 Serial Port Communication: Slave Address Code: 7h'7E
Table 4. Control Registers(1)
Register
Addr
D7
D6
D5
D4
D3
D2
D1
D0
(Default value)*
OP_EN1
BUCK_
EN_
8h'00
X
X
EN_LDO8
EN_LDO7
EN_LDO2
EN_LDO1
(01000111)
PWM
BUCK
LDO1PGM O/P
SEL=BATT
LDO1_
LDO1_
LDO1_
LDO1_
LDO1_
8h'01
(00001100)
X
X
X
V1_OP[4]
V1_OP[3]
V1_OP[2]
V1_OP[1]
V1_OP[0]
SEL=GND
(00011011)
LDO2 Program O/P
SEL=BATT
LDO2_
LDO2_
LDO2_
LDO2_
LDO2_
8h'02
(00001100)
X
X
X
V2_OP[4]
V2_OP[3]
V2_OP[2]
V2_OP[1]
V2_OP[0]
SEL=GND
(00011011)
LDO3 PGM O/P
LDO3_
LDO3_
LDO3_
LDO3_
LDO3_
8h'03
X
X
X
(00011011)
V3_OP[4]
V3_OP[3]
V3_OP[2]
V3_OP[1]
V3_OP[0]
LDO4 PGM O/P
LDO4_
LDO4_
LDO4_
LDO4_
LDO4_
8h'04
X
X
X
(00011011)
V4_OP[4]
V4_OP[3]
V4_OP[2]
V4_OP[1]
V4_OP[0]
LDO5 PGM O/P
LDO5_
LDO5_
LDO5_
LDO5_
LDO5_
8h'05
X
X
X
(00011011)
V5_OP[4]
V5_OP[3]
V5_OP[2]
V5_OP[1]
V5_OP[0]
LDO6 PGM O/P
LDO6_
LDO6_
LDO6_
LDO6_
LDO6_
8h'06
X
X
X
(00011011)
V6_OP[4]
V6_OP[3]
V6_OP[2]
V6_OP[1]
V6_OP[0]
LDO7 PGM O/P
LDO7_
LDO7_
LDO7_
LDO7_
LDO7_
8h'07
X
X
X
(00011011)
V7_OP[4]
V7_OP[3]
V7_OP[2]
V7_OP[1]
V7_OP[0]
LDO8 PGM O/P
LDO8_
LDO8_
LDO8_
LDO8_
LDO8_
8h'08
X
X
X
(00011011)
V8_OP[4]
V8_OP[3]
V8_OP[2]
V8_OP[1]
V8_OP[0]
Status1
Trig.-
PWR_ON(10000010)
PWR_ON
HF_PWR
CHG_IN
8h'0C
Trig.-
X
TSD_H
TSD_L
FF
X
TRIG
TRIG
TRIG
HF_PWR(01000010)
Trig.-CHG_IN
(00100010)
PROG_
PROG_
CHARGER Control 1
Force_
8h'10
X
X
CHGTIME[1 CHGTIME[0
EN_EOC
X
EN_CHG
(00010 001)
EOC
]
]
CHARGER Control 2
PROG_
PROG_
PROG_
PROG_
PROG_
8h'11
X
X
X
(00000111)
ICHG[4]
ICHG[3]
ICHG[2]
ICHG[1]
ICHG[0]
CHARGER Control 3
VTERM[
PROG_
PROG_
PROG_
PROG_
8h'12
X
X
VTERM[0]
(00011001)
1]
EOC[1]
EOC[0]
VSTRT[1]
VSTART[0]
CHARGER Status 1
BATT_
CHGIN_
TOUT_
TOUT_
8h'13
EOC
X
FULLRATE
PRECHG
(0000 0000)
OVER_OUT
OK_OUT
FULLRATE
PRECHG
CHARGER Status 2
TOUT_
8h'14
X
X
X
X
X
X
BAD_BATT
(00000000)
CONSTV
MISC Control1
EN_
PS_HOLD_
8h'1C
X
X
X
X
X
X
(00000000)
APU_TSD
DELAY
(1)
X — Not used.
BOLD locations are Read Only type.
NOTE: All Control registers apart from Charger Control registers (h'10 — h'12) are reset to default at the end of every Power Down
sequence.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP3923



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com