Electronic Components Datasheet Search
  English  ▼

X  

LP3923 Datasheet(PDF) 18 Page - Texas Instruments

Part # LP3923
Description  LP3923 Cellular Phone Power Management Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3923 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP3923 Datasheet HTML 14Page - Texas Instruments LP3923 Datasheet HTML 15Page - Texas Instruments LP3923 Datasheet HTML 16Page - Texas Instruments LP3923 Datasheet HTML 17Page - Texas Instruments LP3923 Datasheet HTML 18Page - Texas Instruments LP3923 Datasheet HTML 19Page - Texas Instruments LP3923 Datasheet HTML 20Page - Texas Instruments LP3923 Datasheet HTML 21Page - Texas Instruments LP3923 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
LP3923
SNVS567B – APRIL 2010 – REVISED MAY 2013
www.ti.com
Table 10. The following table summarizes the supported currents for LP3923.
(continued)
PROG_ ICHG[4]
PROG_ ICHG[3]
PROG_ ICHG[2]
PROG_ ICHG[1]
PROG_ ICHG[0]
ICHG (mA)
1
0
0
0
1
900
1
0
0
1
0
950
1
0
0
1
1
1000
1
0
1
0
0
1050
1
0
1
0
1
1100
1
0
1
1
0
1150
1
0
1
1
1
1200
Table 11. Charging Termination Voltage Programming
VTERM[1]
VTERM[0]
VTERM
0
0
4.1
0
1
4.2 (Default)
1
0
4.3
1
1
4.4
Table 12. End of Charging Current Programming
PROG_EOC[1]
PROG_EOC[0]
IEOC
(1)
0
0
0.05C
0
1
0.1C
1
0
0.15C (Default)
1
1
0.2C
(1)
C is the programmed charging current.
Table 13. Charging Restart Voltage Programming
PROG_VRSTRT[1]
PROG_VRSTRT[0]
Restart Voltage (V)
0
0
VTERM −50 mV
0
1
VTERM −100 mV (Default)
1
0
VTERM −150 mV
1
1
VTERM −200 mV
Table 14. Charge Timer Programming
PROG_CHGTIME[1]
PROG_CHGTIME[0]
Charging Timer (Hrs)
0
0
Disabled
0
1
2
1
0
5 (Default)
1
1
8
BATTERY CHARGE MANAGEMENT
A charge management system allowing safe charge and maintenance of a Li-Ion battery is implemented on the
LP3923. It has a CC/CV linear charge capability with programmable battery regulation voltage and end of
charging current threshold. A maintenance mode utilizing programmable restart voltage levels enables the
battery voltage to be maintained at the correct level. The charging current in the constant voltage mode is
programmable from 50 mA to 1.2A in 50 mA steps.
If PMU is started without a battery, and the battery is attached later, the charging current should be programmed
once more; otherwise, the charging current will be the same as without a battery.
18
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LP3923



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com