Electronic Components Datasheet Search
  English  ▼

X  

LP3988 Datasheet(PDF) 15 Page - Texas Instruments

Part # LP3988
Description  LP3988-Q1 Micropower, 150-mA Ultra-Low-Dropout CMOS LDO With Power Good
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3988 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP3988 Datasheet HTML 11Page - Texas Instruments LP3988 Datasheet HTML 12Page - Texas Instruments LP3988 Datasheet HTML 13Page - Texas Instruments LP3988 Datasheet HTML 14Page - Texas Instruments LP3988 Datasheet HTML 15Page - Texas Instruments LP3988 Datasheet HTML 16Page - Texas Instruments LP3988 Datasheet HTML 17Page - Texas Instruments LP3988 Datasheet HTML 18Page - Texas Instruments LP3988 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
15
LP3988-Q1
www.ti.com
SLAS928B – MARCH 2013 – REVISED NOVEMBER 2016
Product Folder Links: LP3988-Q1
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
9.2.3 Application Curves
Figure 17. Line Transient Response
Figure 18. Line Transient Response
Figure 19. Load Transient Response
Figure 20. Load Transient Response
10 Power Supply Recommendations
The LP3988-Q1 device is designed to operate from an input supply voltage range of 2.5 V to 6 V. The input
supply must be well regulated and free of spurious noise. To ensure that the LP3988-Q1 output voltage is well
regulated and dynamic performance is optimum, the input supply voltage is recommended to be at least the
greater of either VOUT + 200 mV, or 2.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com