Electronic Components Datasheet Search
  English  ▼

X  

LP3999 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP3999
Description  LP3999 Low Noise 150mA Voltage Regulator for RF/Analog Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3999 Datasheet(HTML) 3 Page - Texas Instruments

  LP3999 Datasheet HTML 1Page - Texas Instruments LP3999 Datasheet HTML 2Page - Texas Instruments LP3999 Datasheet HTML 3Page - Texas Instruments LP3999 Datasheet HTML 4Page - Texas Instruments LP3999 Datasheet HTML 5Page - Texas Instruments LP3999 Datasheet HTML 6Page - Texas Instruments LP3999 Datasheet HTML 7Page - Texas Instruments LP3999 Datasheet HTML 8Page - Texas Instruments LP3999 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
LP3999
www.ti.com
SNVS207E – JUNE 2003 – REVISED MAY 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)(2)
Orderable Device
Output Voltage (V)
LP399ITL-1.5/NOPB
1.5
LP399ITLX-1.5/NOPB
LP399ITL-1.8/NOPB
1.8
LP399ITLX-1.8/NOPB
LP399ITL-1.875/NOPB
1.875
LP399ITLX-1.875/NOPB
LP399ITL-2.4/NOPB
2.4
LP399ITLX-2.4/NOPB
LP399ITL-2.5/NOPB
2.5
LP399ITLX-2.5/NOPB
LP399ITL-2.8/NOPB
2.8
LP399ITLX-2.8/NOPB
LP399ITL-3.3/NOPB
3.3
LP399ITLX-3.3/NOPB
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
Absolute Maximum Ratings
(1) (2) (3)
Input Voltage (VIN)
−0.3 to 6.5V
Output Voltage
−0.3 to (VIN + 0.3V)
to 6.5V (max)
Enable Input Voltage
−0.3 to 6.5V
Junction Temperature
150°C
Lead/Pad Temperature(4)
DSBGA
260°C
Storage Temperature
−65 to +150°C
Continuous Power Dissipation(5)
Internally limited
ESD (6)
Human Body Model
2 kV
Machine Model
200V
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits and
associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office / Distributors for
availability and specifications.
(4)
For further information on these packages please refer to application notes AN-1112 Micro SMD Package Wafer Level Chip Scale
Package SNVA009.
(5)
Internal Thermal shutdown circuitry protects the device from permanent damage.
(6)
The human body is 100 pF discharge through 1.5 k
Ω resistor into each pin. The machine model is a 200 pF capacitor discharged
directly into each pin.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP3999



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com