Electronic Components Datasheet Search
  English  ▼

X  

LP3999 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP3999
Description  LP3999 Low Noise 150mA Voltage Regulator for RF/Analog Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3999 Datasheet(HTML) 1 Page - Texas Instruments

  LP3999 Datasheet HTML 1Page - Texas Instruments LP3999 Datasheet HTML 2Page - Texas Instruments LP3999 Datasheet HTML 3Page - Texas Instruments LP3999 Datasheet HTML 4Page - Texas Instruments LP3999 Datasheet HTML 5Page - Texas Instruments LP3999 Datasheet HTML 6Page - Texas Instruments LP3999 Datasheet HTML 7Page - Texas Instruments LP3999 Datasheet HTML 8Page - Texas Instruments LP3999 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LP3999
Enable Control,
Active high
Load
CBYPASS
10 nF
1.0 uF
1.0 PF
VIN
VIN
VOUT
GND
VEN
C1
A3
B2
A1
C3
LP3999
www.ti.com
SNVS207E – JUNE 2003 – REVISED MAY 2013
LP3999 Low Noise 150mA Voltage Regulator for RF/Analog Applications
Check for Samples: LP3999
1
FEATURES
APPLICATIONS
2
•
5 pin DSBGA Package
•
GSM Portable Phones
•
Stable with Ceramic Capacitor
•
CDMA Cellular Handsets
•
Logic Controlled Enable
•
Wideband CDMA Cellular Handsets
•
Fast Turn-on
•
Bluetooth Devices
•
Thermal-overload and short-circuit protection
•
Portable Information Appliances
•
−40 to +125°C junction temperature range for
•
Handheld MP3 Devices
operation
DESCRIPTION
KEY SPECIFICATIONS
The LP3999 regulator is designed to meet the
requirements of portable wireless battery-powered
•
2.5V to 6.0V Input Range
applications and will provide an accurate output
•
Accurate Output Voltage; ±75mV / 2%
voltage with low noise and low quiescent current.
•
60 mV Typical Dropout with 150 mA Load. Vout
Ideally suited for powering RF/Analog devices this
device will also be used to meet more general circuit
> 2.5V
requirements.
•
Virtually Zero Quiescent Current when
Disabled
For battery powered applications the low dropout and
low ground current provided by the device allows the
•
10
μVrms Output Noise Over 10Hz to 100kHz
lifetime of the battery to be maximized.The inclusion
•
Stable with a 1
μF Output Capacitor
of an Enable(disable) control can be used by the
•
Ensured 150 mA Output Current
system to further extend the battery lifetime by
reducing the power consumption to virtually zero.
•
Fast Turn-on Time; 140
μs (Typ.)
Should the application require a device with an active
disable function please refer to device LP3995.
The LP3999 also features internal protection against
short-circuit
currents
and
over-temperature
conditions.
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3999

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3999 NSC-LP3999 Datasheet
695Kb / 12P
Low Noise 150mA Voltage Regulator for RF/Analog Applications
LP3999 NSC-LP3999 Datasheet
351Kb / 15P
Low Noise 150mA Voltage Regulator for RF/Analog Applications
logo
Texas Instruments
LP3999 TI1-LP3999 Datasheet
1,011Kb / 19P
LP3999 Low Noise 150mA Voltage Regulator for RF/Analog Applications
logo
National Semiconductor ...
LP3999ILD-1.5 NSC-LP3999ILD-1.5 Datasheet
351Kb / 15P
Low Noise 150mA Voltage Regulator for RF/Analog Applications
LP3999ILD-1.6 NSC-LP3999ILD-1.6 Datasheet
351Kb / 15P
Low Noise 150mA Voltage Regulator for RF/Analog Applications
More results

Similar Description - LP3999

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM5205 CALOGIC-CLM5205 Datasheet
46Kb / 3P
150mA Low-Noise LDO Voltage Regulator
logo
National Semiconductor ...
LP3999 NSC-LP3999 Datasheet
695Kb / 12P
Low Noise 150mA Voltage Regulator for RF/Analog Applications
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_1 Datasheet
190Kb / 4P
150mA Low Noise LDO Voltage Regulator
logo
National Semiconductor ...
LP3999 NSC-LP3999_03 Datasheet
351Kb / 15P
Low Noise 150mA Voltage Regulator for RF/Analog Applications
LP3999 NSC-LP3999_06 Datasheet
689Kb / 12P
Low Noise 150mA Voltage Regulator for RF/Analog Applications
logo
Exar Corporation
SPX5205 EXAR-SPX5205 Datasheet
4Mb / 8P
150mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_11 Datasheet
177Kb / 8P
150mA Low Noise LDO Voltage Regulator
TS5204CQ33 TSC-TS5204CQ33 Datasheet
186Kb / 8P
150mA Low Noise LDO Voltage Regulator
logo
Texas Instruments
LP3999 TI-LP3999_15 Datasheet
979Kb / 19P
LP3999 Low Noise 150mA Voltage Regulator for RF/Analog Applications
LP3999 TI1-LP3999 Datasheet
1,011Kb / 19P
LP3999 Low Noise 150mA Voltage Regulator for RF/Analog Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com