Electronic Components Datasheet Search
  English  ▼

X  

LP3999 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP3999
Description  LP3999 Low Noise 150mA Voltage Regulator for RF/Analog Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3999 Datasheet(HTML) 4 Page - Texas Instruments

  LP3999 Datasheet HTML 1Page - Texas Instruments LP3999 Datasheet HTML 2Page - Texas Instruments LP3999 Datasheet HTML 3Page - Texas Instruments LP3999 Datasheet HTML 4Page - Texas Instruments LP3999 Datasheet HTML 5Page - Texas Instruments LP3999 Datasheet HTML 6Page - Texas Instruments LP3999 Datasheet HTML 7Page - Texas Instruments LP3999 Datasheet HTML 8Page - Texas Instruments LP3999 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
LP3999
SNVS207E – JUNE 2003 – REVISED MAY 2013
www.ti.com
Operating Ratings
(1)
Input Voltage (VIN)
2.5 to 6.0V
Enable Input Voltage
0 to 6.0V
Junction Temperature
−40 to +125°C
Ambient Temperature Range(2)
-40 to 85°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits and
associated test conditions, see the Electrical Characteristics tables.
(2)
In applications where high power dissipation and/or poor thermal resistance is present, the maximum ambient temperature may have to
be derated. Maximum ambient temperature (TA(max)) is dependant on the maximum operating junction temperature (TJ(max-op)), the
maximum power dissipation (PD(max)), and the junction to ambient thermal resistance in the application (θJA). This relationship is given
by:
TA(max) = TJ(max-op) − (PD(max) × θJA).
Thermal Properties
(1)
Junction to Ambient Thermal Resistance
θJA (DSBGA pkg.)
255°C/W
(1)
Junction to ambient thermal resistance is highly dependant on the application and board layout. In applications where high thermal
dissipation is possible, special care must be paid to thermal issues in the board design.
Electrical Characteristics
Unless otherwise noted, VEN = 1.5, VIN = VOUT(NOM) + 1.0V, CIN = 1 µF, IOUT = 1 mA, COUT = 1 µF, CBP = 0.01 µF. Typical
values and limits appearing in normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the full
temperature range for operation,
−40 to +125°C.
(1) (2)
Limit
Symbol
Parameter
Conditions
Typical
Units
Min
Max
VIN
Input Voltage
2.5
6.0
V
DEVICE OUTPUT: 1.5
≤ VOUT < 1.8V
ΔVOUT
Output Voltage Tolerance
IOUT = 1 mA
−50
50
mV
-75
75
Line Regulation Error
VIN = (VOUT(NOM)+1.0V) to 6.0V,
−3.5
3.5
mV/V
IOUT = 1 mA
Load Regulation Error
IOUT = 1 mA to 150 mA
10
75
µV/mA
PSRR
Power Supply Rejection Ratio(3)
f = 1 kHz, IOUT = 1 mA
58
dB
f = 10 kHz, IOUT = 1 mA
58
DEVICE OUTPUT: 1.8
≤ VOUT < 2.5V
ΔVOUT
Output Voltage Tolerance
IOUT = 1 mA
-50
50
mV
−75
75
Line Regulation Error
VIN = (VOUT(NOM)+1.0V) to 6.0V,
−2.5
2.5
mV/V
IOUT = 1 mA
Load Regulation Error
IOUT = 1 mA to 150 mA
10
75
µV/mA
PSRR
Power Supply Rejection Ratio(3)
f = 1 kHz, IOUT = 1 mA
60
dB
f = 10 kHz, IOUT = 1 mA
60
DEVICE OUTPUT: 2.5
≤ VOUT ≤ 3.3V
ΔVOUT
Output Voltage Tolerance
IOUT = 1 mA
-2
2
% of
VOUT(NOM)
−3
3
Line Regulation Error
VIN = (VOUT(NOM)+1.0V) to 6.0V,
−0.1
0.1
%/V
IOUT = 1 mA
Load Regulation Error
IOUT = 1 mA to 150 mA
0.0004
0.002
%/mA
(1)
All limits are ensured. All electrical characteristics having room-temperature limits are tested during production at TJ = 25°C or correlated
using Statistical Quality Control methods. Operation over the temperature specification is ensured by correlating the electrical
characteristics to process and temperature variations and applying statistical process control.
(2)
VOUT(NOM) is the stated output voltage option for the device.
(3)
This electrical specification is ensured by design.
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP3999



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com