Electronic Components Datasheet Search
  English  ▼

X  

LP3990 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP3990
Description  LP3990-Q1 150-mA Linear Voltage Regulator for Digital Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3990 Datasheet(HTML) 5 Page - Texas Instruments

  LP3990 Datasheet HTML 1Page - Texas Instruments LP3990 Datasheet HTML 2Page - Texas Instruments LP3990 Datasheet HTML 3Page - Texas Instruments LP3990 Datasheet HTML 4Page - Texas Instruments LP3990 Datasheet HTML 5Page - Texas Instruments LP3990 Datasheet HTML 6Page - Texas Instruments LP3990 Datasheet HTML 7Page - Texas Instruments LP3990 Datasheet HTML 8Page - Texas Instruments LP3990 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LP3990-Q1
www.ti.com
SNVSA66A – OCTOBER 2014 – REVISED DECEMBER 2015
6.5 Electrical Characteristics
Unless otherwise noted, VEN = 950 mV, VIN = VOUT + 1 V or VIN = 2 V, whichever is higher. CIN = 1 µF, IOUT = 1 mA, COUT =
0.47 µF.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage
See(3)
2
6
V
ILOAD = 1 mA, TJ = 25°C
–1%
1%
Output voltage tolerance
Over full line and load regulation
–2.5%
2.5%
ΔVOUT
Line regulation error
VIN = (VOUT(NOM) + 1 V) to 6 V
0.1
0.02
0.1
%/V
VOUT = 0.8 V to 1.95 V
–0.005
0.002
0.005
IOUT = 1 mA
Load regulation error
%/mA
to 150 mA
VOUT = 2 V to 3.3 V
–0.002
0.0005
0.002
VDO
Dropout voltage
IOUT = 150 mA, see
(4) (5)
120
200
mV
ILOAD
Load current
TJ = 25°, see
(5) (6)
0
µA
VEN = 950 mV, IOUT = 0 mA
43
80
IQ
Quiescent current
VEN = 950 mV, IOUT = 150 mA
65
120
µA
VEN = 0.4 V (output disabled), TJ = 25°C
0.002
0.2
ISC
Short circuit current limit
See(7)
550
1000
mA
IOUT
Maximum output current
150
ƒ = 1 kHz, IOUT = 1 mA to 150 mA
55
Power Supply Rejection
PSRR
dB
Ratio
ƒ = 10 kHz, IOUT = 150 mA
35
VOUT = 0.8 V
60
BW = 10 Hz to 100
eη
Output noise voltage(5)
VOUT = 1.5 V
125
µVRMS
kHz
VOUT = 3.3 V
180
Junction temperature (TJ) rising until the output
155
Thermal shutdown
is disabled
TSHUTDOWN
°C
junction temperature
Hysteresis
15
ENABLE CONTROL CHARACTERISTICS
VEN = 0 V (Output is disabled)
0.001
0.1
Maximum input current
TJ = 25°C
IEN
(8)
µA
at EN pin
VEN = 6 V
2.5
6
10
VIN = 2 V to 6 V
VIL
Low input threshold
0.4
VEN falling from ≥ VIH until the output is disabled
V
VIN = 2 V to 6 V
VIH
High input threshold
0.95
VEN rising from ≤ VIL until the output is enabled
(1)
All voltages are with respect to the device GND terminal, unless otherwise stated.
(2)
Minimum and Maximum limits are ensured through test, design, or statistical correlation over the operating junction temperature range
(TJ) of –40°C to 125°C, unless otherwise stated. Typical values represent the most likely parametric norm at TJ = 25°C, and are
provided for reference purposes only.
(3)
VIN(MIN) = VOUT(NOM) + 0.5 V, or 2 V, whichever is higher.
(4)
Dropout voltage is voltage difference between input and output at which the output voltage drops to 100 mV below its nominal value.
This parameter applies only for output voltages above 2 V.
(5)
This electrical specification is verified by design.
(6)
The device maintains the regulated output voltage without the load.
(7)
Short-circuit current is measured with VOUT pulled to 0 V and VIN worst case = 6 V.
(8)
ENABLE pin has 1-M
Ω (typical) resistor connected to GND.
6.6 Output Capacitor, Recommended Specifications
See
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Capacitance(2)
0.7(3)
1
500
µF
COUT
Output capacitance
ESR
5
m
Ω
(1)
Unless otherwise specified, values and limits apply for TJ = 25°C.
(2)
The full operating conditions for the application must be considered when selecting a suitable capacitor to ensure that the minimum
value of capacitance is always met. Recommended capacitor type is X7R. However, dependent on application, X5R, Y5V, and Z5U can
also be used. (See Detailed Design Procedure.)
(3)
Limit applies over the full operating junction temperature range (TJ) of −40°C to 125°C.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP3990-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com