Electronic Components Datasheet Search
  English  ▼

X  

LP3990 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP3990
Description  LP3990-Q1 150-mA Linear Voltage Regulator for Digital Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3990 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP3990 Datasheet HTML 2Page - Texas Instruments LP3990 Datasheet HTML 3Page - Texas Instruments LP3990 Datasheet HTML 4Page - Texas Instruments LP3990 Datasheet HTML 5Page - Texas Instruments LP3990 Datasheet HTML 6Page - Texas Instruments LP3990 Datasheet HTML 7Page - Texas Instruments LP3990 Datasheet HTML 8Page - Texas Instruments LP3990 Datasheet HTML 9Page - Texas Instruments LP3990 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
2
2.5
3
3.5
4
4.5
5
5.5
6
VIN
20
30
40
50
60
70
80
90
100
TJ = 125°C
TJ = 25°C
TJ = -40°C
2
2.5
3
3.5
4
4.5
5
5.5
6
VIN
TJ = 125°C
TJ = 25°C
20
30
40
50
60
70
80
90
100
TJ = -40°C
0
50
75
100
125
150
LOAD CURRENT (mA)
0
10
20
30
40
50
80
TJ = 125°C
TJ = 25°C
TJ = -40°C
25
60
70
-40
-25
0
25
50
75
100
125
TEMPERATURE (°C)
-2.00
-1.50
-1.00
-0.50
0.00
0.50
1.00
1.50
2.00
LP3990-Q1
SNVSA66A – OCTOBER 2014 – REVISED DECEMBER 2015
www.ti.com
6.7 Timing Requirements
MIN
NOM(1)
MAX(2)
UNIT
VOUT = 0.8 V
80
150
From VEN ↑ VIH to
TON
Turnon time(3)
VOUT 95% level
VOUT = 1.5 V
105
200
µs
(VIN(MIN) to 6 V)
VOUT = 3.3 V
175
250
Line transient response
Trise = Tfall = 30 µs
(3),
mV (pk-
8
16
(
ΔVOUT)
ΔVIN = 600 mV
pk)
Transient
Trise = Tfall = 1 µs
(3),
response
Load transient response
IOUT = 1 mA to 150 mA
55
100
mV
(
ΔVOUT)
COUT = 1 µF
(1)
Nominal values apply for TJ = 25°C.
(2)
Maximum limits apply over the full operating junction temperature (TJ) range of −40°C to 125°C.
(3)
This electrical specification is verified by design.
6.8 Typical Characteristics
Unless otherwise specified, CIN = 1-µF ceramic, COUT = 0.47-µF ceramic, VIN = VOUT(NOM) + 1 V, TA = 25°C, VOUT(NOM) = 1.5 V;
VEN = VIN.
Figure 1. Output Voltage Change vs Temperature
Figure 2. Ground Current vs Load Current
ILOAD = 0 mA
ILOAD = 1 mA
Figure 3. Ground Current vs VIN
Figure 4. Ground Current vs VIN
6
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: LP3990-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com