Electronic Components Datasheet Search
  English  ▼

X  

LP3990 Datasheet(PDF) 7 Page - Texas Instruments

Part # LP3990
Description  LP3990-Q1 150-mA Linear Voltage Regulator for Digital Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3990 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP3990 Datasheet HTML 3Page - Texas Instruments LP3990 Datasheet HTML 4Page - Texas Instruments LP3990 Datasheet HTML 5Page - Texas Instruments LP3990 Datasheet HTML 6Page - Texas Instruments LP3990 Datasheet HTML 7Page - Texas Instruments LP3990 Datasheet HTML 8Page - Texas Instruments LP3990 Datasheet HTML 9Page - Texas Instruments LP3990 Datasheet HTML 10Page - Texas Instruments LP3990 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
100
1k
10k
100k
1M
FREQUENCY (Hz)
IL = 1 mA
COUT = 0.47 PF
COUT = 1 PF
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
100
1k
10k
100k
1M
FREQUENCY (Hz)
ILOAD = 150 mA
COUT = 1 PF
COUT = 0.47 PF
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
TIME (100 Ps/DIV)
800
VIN = 6V
600
400
200
0
TIME (100 Ps/DIV)
3.1
2.5
CIN = 1 PF
COUT = 0.47 PF
IL = 1 to 150 mA
2
2.5
3
3.5
4
4.5
5
5.5
6
VIN
TJ = 125°C
TJ = 25°C
TJ = -40°C
20
30
40
50
60
70
80
90
100
TIME (100 Ps/DIV)
800
VIN = 2.5V
600
400
200
0
LP3990-Q1
www.ti.com
SNVSA66A – OCTOBER 2014 – REVISED DECEMBER 2015
Typical Characteristics (continued)
Unless otherwise specified, CIN = 1-µF ceramic, COUT = 0.47-µF ceramic, VIN = VOUT(NOM) + 1 V, TA = 25°C, VOUT(NOM) = 1.5 V;
VEN = VIN.
ILOAD = 150 mA
Figure 6. Short Circuit Current
Figure 5. Ground Current vs VIN
Figure 7. Short Circuit Current
Figure 8. Line Transient
Figure 10. Power Supply Rejection Ratio
Figure 9. Power Supply Rejection Ratio
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP3990-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com