Electronic Components Datasheet Search
  English  ▼

X  

LP55281 Datasheet(PDF) 22 Page - Texas Instruments

Part # LP55281
Description  LP55281 12-Channel RGB/White-LED Drive With SPI, I2C Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP55281 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LP55281 Datasheet HTML 18Page - Texas Instruments LP55281 Datasheet HTML 19Page - Texas Instruments LP55281 Datasheet HTML 20Page - Texas Instruments LP55281 Datasheet HTML 21Page - Texas Instruments LP55281 Datasheet HTML 22Page - Texas Instruments LP55281 Datasheet HTML 23Page - Texas Instruments LP55281 Datasheet HTML 24Page - Texas Instruments LP55281 Datasheet HTML 25Page - Texas Instruments LP55281 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
Copyright © 2016, Texas Instruments Incorporated
SW
BATTERY
LDO
Analog
supply
voltage
LP55281
Digital
supply
voltage
LBoost
CVDDA
1 PF
CVDD
100 nF
CIN
10 PF
VDDA
VDD2
VDD1
2.8V
Copyright © 2016, Texas Instruments Incorporated
SW
BATTERY
VDD1
LBoost
VDDA
LDO
Analog
supply
voltage
2.8V
LP55281
Digital
supply
voltage
LDO
2.8V
VDD2
CIN
10 PF
CVDDA
1 PF
CVDD
100 nF
22
LP55281
SNVS458D – JUNE 2007 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LP55281
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
7.3.5 7-V Shielding
To shield the LP55281 device from high-input voltages (6 V to 7.2 V), the use of an external 2.8-V LDO is
required. This 2.8-V voltage protects internally the device against high voltage condition. The recommended
connection is shown in the picture below. Internally both logic and analog circuitry works at 2.8-V supply voltage.
Both supply voltage pins should have separate filtering capacitors. TI recommends pulling down the external
LDO voltage when it is disabled in order to minimize the leakage current of the LED outputs.
Figure 16. LP55281 With 7-V Shielding
In cases where high voltage is not an issue, the alternative connection is shown below.
Figure 17. LP55281 Without 7-V Shielding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com