Electronic Components Datasheet Search
  English  ▼

X  

LP55281 Datasheet(PDF) 30 Page - Texas Instruments

Part # LP55281
Description  LP55281 12-Channel RGB/White-LED Drive With SPI, I2C Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP55281 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LP55281 Datasheet HTML 26Page - Texas Instruments LP55281 Datasheet HTML 27Page - Texas Instruments LP55281 Datasheet HTML 28Page - Texas Instruments LP55281 Datasheet HTML 29Page - Texas Instruments LP55281 Datasheet HTML 30Page - Texas Instruments LP55281 Datasheet HTML 31Page - Texas Instruments LP55281 Datasheet HTML 32Page - Texas Instruments LP55281 Datasheet HTML 33Page - Texas Instruments LP55281 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
30
LP55281
SNVS458D – JUNE 2007 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LP55281
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
(1)
r/o = read-only
7.6 Register Maps
Following table summarizes the registers and their default values
Address
Register
D7
D6
D5
D4
D3
D2
D1
D0
00h
RED1
R1 - IPLS[7:6]
R1_PWM[5:0]
0
0
0
0
0
0
0
0
01h
GREEN1
G1 - IPLS[7:6]
G1_PWM[5:0]
0
0
0
0
0
0
0
0
02h
BLUE1
B1 - IPLS[7:6]
B1_PWM[5:0]
0
0
0
0
0
0
0
0
03h
RED2
R2 - IPLS[7:6]
R2_PWM[5:0]
0
0
0
0
0
0
0
0
04h
GREEN2
G2 - IPLS[7:6]
G2_PWM[5:0]
0
0
0
0
0
0
0
0
05h
BLUE2
B2 - IPLS[7:6]
B2_PWM[5:0]
0
0
0
0
0
0
0
0
06h
RED3
R3 - IPLS[7:6]
R3_PWM[5:0]
0
0
0
0
0
0
0
0
07h
GREEN3
G3 - IPLS[7:6]
G3_PWM[5:0]
0
0
0
0
0
0
0
0
08h
BLUE3
B3 - IPLS[7:6]
B3_PWM[5:0]
0
0
0
0
0
0
0
0
09h
RED4
R4 - IPLS[7:6]
R4_PWM[5:0]
0
0
0
0
0
0
0
0
0Ah
GREEN4
G4 - IPLS[7:6]
G4_PWM[5:0]
0
0
0
0
0
0
0
0
0Bh
BLUE4
B4 - IPLS[7:6]
B4_PWM[5:0]
0
0
0
0
0
0
0
0
0Ch
ALED
ALED[7:0]
0
0
0
0
0
0
0
0
0Dh
Audio Sync
CTRL1
GAIN_SEL[2:0]
DC_FREQ
EN_AGC
EN_SYNC
SPEED_CTRL[1:0]
0
0
0
0
0
0
1
1
0Eh
Audio Sync
CTRL2
THRESHOLD[3:0]
0
0
0
0
0Fh
Boost Output
Boost[7:0]
0
0
1
1
1
1
1
1
10h
Frequency
Selections
FPWM1
FPWM0
FRQ_SEL[2:0]
0
0
1
1
1
11h
Enables
NSTBY
EN_BOOST
EN_AUTOL
OAD
EN_RGB4
EN_RGB3
EN_RGB2
EN_RGB1
0
0
0
0
0
0
0
12h
LED Test
EN_LTEST
MUX_LED[3:0]
0
0
0
0
0
13h(1)
ADC Output
DATA[7:0]
0
0
0
0
0
0
0
0
r/o
r/o
r/o
r/o
r/o
r/o
r/o
r/o
60h
Reset
Writing any data to Reset Register resets LP55281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com