Electronic Components Datasheet Search
  English  ▼

X  

LP55281 Datasheet(PDF) 36 Page - Texas Instruments

Part # LP55281
Description  LP55281 12-Channel RGB/White-LED Drive With SPI, I2C Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP55281 Datasheet(HTML) 36 Page - Texas Instruments

Back Button LP55281 Datasheet HTML 32Page - Texas Instruments LP55281 Datasheet HTML 33Page - Texas Instruments LP55281 Datasheet HTML 34Page - Texas Instruments LP55281 Datasheet HTML 35Page - Texas Instruments LP55281 Datasheet HTML 36Page - Texas Instruments LP55281 Datasheet HTML 37Page - Texas Instruments LP55281 Datasheet HTML 38Page - Texas Instruments LP55281 Datasheet HTML 39Page - Texas Instruments LP55281 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
SW
FB
B3
R1
G1
B1
G2
SCK/
SCL
IF_
SEL
B2
VDDA
VREF
GND
IRT
VDD1
GND_
RGB2
SS/
SDA
VDD2
SI/A0
R4
ASE1
G4
GNDA
GND_
RGB1
R2
IRGB
SO
VDDI
O
ASE2
G3
ALED
NRST
GND_
SW
R3
B4
GND
Route sensitive FB node away
from high dv/dt nodes and keep
as short as possible.
Short wide paths on all high di/dt nodes
(SW, GND_SW, VOUT).
Keep current loops as short as possible.
COUT
L1
CIN
TOP Layer GND plane connecting
SW_GND to COUT and CIN.
Connect to system ground using as
many vias as possible.
GND
VOUT
VDD
Copyright © 2016, Texas Instruments Incorporated
36
LP55281
SNVS458D – JUNE 2007 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LP55281
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Layout Guidelines (continued)
10.1.4 Boost Input Capacitor Placement
Close placement of the input capacitor to the IN pin and to the GND pin is critical because any series inductance
between IN and CIN+ or CIN
− and GND can create voltage spikes that could appear on the VIN supply line and
in the GND plane. Close placement of the input bypass capacitor at the input side of the inductor is also critical.
10.2 Layout Example
Figure 32. LP55281 Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com