Electronic Components Datasheet Search
  English  ▼

X  

P6B-C2 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # P6B-C2
Description  PCB Power Relay
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P6B-C2 Datasheet(HTML) 1 Page - Omron Electronics LLC

  P6B-C2 Datasheet HTML 1Page - Omron Electronics LLC P6B-C2 Datasheet HTML 2Page - Omron Electronics LLC P6B-C2 Datasheet HTML 3Page - Omron Electronics LLC P6B-C2 Datasheet HTML 4Page - Omron Electronics LLC P6B-C2 Datasheet HTML 5Page - Omron Electronics LLC P6B-C2 Datasheet HTML 6Page - Omron Electronics LLC P6B-C2 Datasheet HTML 7Page - Omron Electronics LLC P6B-C2 Datasheet HTML 8Page - Omron Electronics LLC P6B-C2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
G
6
B
G6B
PCB Power Relay
High Capacity and High
Dielectric Strength Miniature
Relay with Fully Sealed
Construction in 5 A (8 A)
SPST-NO(1a),
SPST-NO+SPST-NC(1a1b),
DPST-NO(2a),
DPST-NC(2b) Types
• P6B model for connecting sockets are available.
• High insulation with dielectric strength of 3,000VAC
between coil and contacts (impulse withstand voltage of
6 kV).
• Standard model conforms to UL/CSA standards.
• AgSnIn contacts suitable for loads that generate surge voltage (inductive load, capacity load, etc.) are available. (-FD type)
• Ultrasonic cleanable models are available. (-U type)
• Operation indicator & built-in surge absorption diode models are available. (-ND type)
• 2-Pole type available.
• High-reliability models are available.
G6B-1184P-US model (The relay used in Terminal Relay G6B-48BND)
■Model Number Legend
RoHS Compliant
■Application Examples
• Ideal for output applications of control equipments
1. Relay Function
None: Single-side stable
U : Single-winding latching
(G6B
@-1114 models only)
K : Double-winding latching
(G6B
@-1114 models only)
2. Contact Form
21: SPST-NO + SPST-NC
22: DPST-NO
20: DPST-NC
11: SPST-NO
3. Classification
1: Standard
7: High-capacity
8: Single crossbar
4. Enclosure rating
4: Fully sealed
7: Flux protection
5. Terminal Shape
P: Straight PCB terminals
Socket mounting terminals
C: Self-clinching PCB
6. Contact material
None: Standard (Ag-alloy (Cd free))
FD : AgSnIn contact
(Suitable for DC inductive load with
high inrush current)
7. Coil Polarity
None: 5, 6 Terminal (+), 1, 2 Terminal (-)
1 : 5, 6 Terminal (-), 1, 2 Terminal (+)
8. Operation Indicator Diode
Availability
None: Standard
ND : Operation indicator & coil surge
absorption diode
(for -1177 type only)
9. Approved Standards
US: UL/CSA
10. Washability
None: Standard
U : For ultrasonically cleanable
11. Mounting
None: Mounted directly to PCB
P6B : Mounted to Socket
12
3 4 5
6
7
8
9 10
-
G6B
@-@@@@@-@-@-@-@-@-@
11


Similar Part No. - P6B-C2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
P6B-C2 OMRON-P6B-C2 Datasheet
542Kb / 9P
Subminiature Relay that Switches up to 5 A
P6B-C2 OMRON-P6B-C2 Datasheet
35Kb / 1P
Back Connecting Sockets
More results

Similar Description - P6B-C2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
Power PCB Relay
logo
Omron Electronics LLC
G4W OMRON-G4W Datasheet
180Kb / 6P
PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
Power PCB Relay
G8PT OMRON-G8PT Datasheet
2Mb / 8P
Power PCB Relay
G2R-K-1AZ4-TE OMRON-G2R-K-1AZ4-TE Datasheet
2Mb / 14P
PCB Power Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
Power PCB Relay
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
Power PCB Relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
pcb power relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com