Electronic Components Datasheet Search
  English  ▼

X  

P6B-C2 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # P6B-C2
Description  PCB Power Relay
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P6B-C2 Datasheet(HTML) 2 Page - Omron Electronics LLC

  P6B-C2 Datasheet HTML 1Page - Omron Electronics LLC P6B-C2 Datasheet HTML 2Page - Omron Electronics LLC P6B-C2 Datasheet HTML 3Page - Omron Electronics LLC P6B-C2 Datasheet HTML 4Page - Omron Electronics LLC P6B-C2 Datasheet HTML 5Page - Omron Electronics LLC P6B-C2 Datasheet HTML 6Page - Omron Electronics LLC P6B-C2 Datasheet HTML 7Page - Omron Electronics LLC P6B-C2 Datasheet HTML 8Page - Omron Electronics LLC P6B-C2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
G6B
PCB Power Relay
G
6
B
■Ordering Information
●Standard Models (UL, CSA certified)
Note: AgSnIn contact models are highly welding-resistant, and roughening of contacts due to inrush current and inductive load is lessened.
●Models for Reverse Coil Polarity
Note: AgSnIn contact models are highly welding-resistant, and roughening of contacts due to inrush current and inductive load is lessened.
Number
of poles
Contact material
Standard (Ag-alloy (Cd free))
AgSnIn contact
Minimum
packing unit
Relay Function
Contact form
Terminals
Model
Rated coil voltage
Model
Rated coil voltage
1-pole
Single-side
stable
SPST-NO (1a)
(Standard)
Straight PCB G6B-1114P-US
5, 6, 12, 24 VDC G6B-1114P-FD-US
5, 6, 12, 24 VDC
100
pcs/tray
Self-clinching
PCB
G6B-1114C-US
5, 6, 12, 24 VDC G6B-1114C-FD-US
12, 24 VDC
SPST-NO (1a)
(High-capacity)
Straight PCB G6B-1174P-US
5, 6, 12, 24 VDC G6B-1174P-FD-US
5, 6, 12, 24 VDC
20
pcs/tube
Self-clinching
PCB
G6B-1174C-US
5, 12, 24 VDC
G6B-1174C-FD-US
5, 12, 24 VDC
SPST-NO (1a)
(High-reliability )
Straight PCB G6B-1184P-US
5, 12, 24 VDC
---
---
100
pcs/tray
Self-clinching
PCB
---
---
---
---
Single-winding
latching
SPST-NO (1a)
(Standard)
Straight PCB G6BU-1114P-US
5, 6, 12, 24 VDC G6BU-1114P-FD-US
5, 12, 24 VDC
Self-clinching
PCB
G6BU-1114C-US
12 VDC
---
---
Double-winding
latching
SPST-NO (1a)
(Standard)
Straight PCB G6BK-1114P-US
5, 6, 12, 24 VDC G6BK-1114P-FD-US
5, 6, 12, 24 VDC
Self-clinching
PCB
G6BK-1114C-US
5, 6, 12, 24 VDC G6BK-1114C-FD-US
24 VDC
Single-side
stable
SPST-NO (1a)
(Built-in high-
capacity operation
indicator & diode)
Straight PCB G6B-1177P-ND-US
5, 12, 24 VDC
G6B-1177P-FD-ND-US 5, 12, 24 VDC
Self-clinching
PCB
G6B-1177C-ND-US
5, 12, 24 VDC
G6B-1177C-FD-ND-US 12, 24 VDC
2-pole
Single-side
stable
SPST-NO (1a)+
SPST-NC (1b)
(Standard)
Straight PCB G6B-2114P-US
5, 6, 12, 24 VDC G6B-2114P-FD-US
5, 6, 12, 24 VDC
Self-clinching
PCB
G6B-2114C-US
5, 12, 24 VDC
G6B-2114C-FD-US
5, 12 VDC
DPST-NO (2a)
(Standard)
Straight PCB G6B-2214P-US
5, 6, 12, 24 VDC G6B-2214P-FD-US
5, 6, 12, 24 VDC
Self-clinching
PCB
G6B-2214C-US
5, 12, 24 VDC
G6B-2214C-FD-US
5, 12, 24 VDC
DPST-NC (2b)
(Standard)
Straight PCB G6B-2014P-US
5, 6, 12, 24 VDC G6B-2014P-FD-US
5, 6, 12, 24 VDC
Self-clinching
PCB
G6B-2014C-US
5, 6, 12, 24 VDC G6B-2014C-FD-US
12, 24 VDC
Number
of poles
Contact material
Standard (Ag-alloy (Cd free))
AgSnIn contact
Minimum
packing unit
Relay Function
Contact form
Terminals
Model
Rated coil voltage
Model
Rated coil voltage
1-pole
Single-side
stable
SPST-NO (1a)
(Standard)
Straight PCB G6B-1114P-1-US
5, 6, 12, 24 VDC G6B-1114P-FD-1-US
24 VDC
100
pcs/tray
Self-clinching
PCB
---
---
---
---
SPST-NO (1a)
(High-capacity)
Straight PCB G6B-1174P-1-US
5, 12, 24 VDC
---
---
20
pcs/tube
Self-clinching
PCB
---
---
---
---
Single-winding
latching
SPST-NO (1a)
(Standard)
Straight PCB G6BU-1114P-1-US
5, 12 VDC
---
---
100
pcs/tray
Self-clinching
PCB
---
---
---
---
Double-winding
latching
SPST-NO (1a)
(Standard)
Straight PCB G6BK-1114P-1-US
5, 6, 12, 24 VDC
---
---
Self-clinching
PCB
---
---
---
---
2-pole
Single-side
stable
SPST-NO (1a)+
SPST-NC (1b)
(Standard)
Straight PCB G6B-2114P-1-US
5, 6, 12, 24 VDC G6B-2114P-FD-1-US
12, 24 VDC
Self-clinching
PCB
---
---
---
---
DPST-NO (2a)
(Standard)
Straight PCB G6B-2214P-1-US
5, 12, 24 VDC
---
---
Self-clinching
PCB
---
---
---
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com