Electronic Components Datasheet Search
  English  ▼

X  

P6B-C2 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # P6B-C2
Description  PCB Power Relay
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P6B-C2 Datasheet(HTML) 5 Page - Omron Electronics LLC

  P6B-C2 Datasheet HTML 1Page - Omron Electronics LLC P6B-C2 Datasheet HTML 2Page - Omron Electronics LLC P6B-C2 Datasheet HTML 3Page - Omron Electronics LLC P6B-C2 Datasheet HTML 4Page - Omron Electronics LLC P6B-C2 Datasheet HTML 5Page - Omron Electronics LLC P6B-C2 Datasheet HTML 6Page - Omron Electronics LLC P6B-C2 Datasheet HTML 7Page - Omron Electronics LLC P6B-C2 Datasheet HTML 8Page - Omron Electronics LLC P6B-C2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
G6B
PCB Power Relay
G
6
B
■Characteristics
Note 1. The values here are initial values.
2.The G6B-1177P(-FD)-ND model is flux-resistant. Do not wash it down with water.
*1.
The contact resistance was measured with 1 A at 5 VDC using a voltage-drop method.
*2.
Measurement conditions: The insulation resistance was measured with a 500 VDC megohmmeter at the same locations as the dielectric strength was
measured.(Except the location between set/reset coil)
*3.
This value was measured at a switching frequency of 120 operations/min.
Model
G6B-1114P(-FD)(-1)-US
G6B-1174P(-FD)(-1)-US
G6B-1114C(-FD)-US
G6B-1174C(-FD)-US
G6BU-1114P(-FD)(-1)-US
G6BU-1114C-US
G6BK-1114P(-FD)(-1)-US
G6BK-1114C(-FD)-US
G6B-1177P(-FD)-ND-US
G6B-1177C(-FD)-ND-US
G6B-1184P-US
G6B-2114P(-FD)(-1)-US
G6B-2214P(-FD)(-1)-US
G6B-2014P(-FD)(-1)-US
G6B-2114C(-FD)-US
G6B-2214C(-FD)-US
G6B-2014C(-FD)-US
Item
Classification
Single-side stable
Single-winding
latching
Double-winding
latching
Built-in operation indicator
& surge absorption diode
Single-side stable
Single-side stable
Contact resistance *1
30 m
Ω max.
50 m
Ω max.
30 m
Ω max.
Operate (set) time
10 ms max.
Release (reset) time
10 ms max.
Min. set pulse width
−
15 ms (at 23°C)
−
Min. reset pulse width
−
15 ms (at 23°C)
−
Insulation resistance *2
1,000 M
Ω min.
Dielectric
strength
Between coil and
contacts
3,000 VAC, 50/60 Hz for 1 min
2,000 VAC,
50/60 Hz for 1 min
3,000 VAC, 50/60 Hz for 1 min
Between contacts
of the same polarity
1,000 VAC, 50/60 Hz for 1 min
Between contacts
of different polarity
−
2,000 VAC,
50/60 Hz for 1 min
Between set and
reset coils
−
250 VAC,
50/60 Hz for 1 min
−
Impulse withstand voltage
(between coil and contacts)
6 kV 1.2
× 50 μs
4.5 kV 1.2
× 50 μs
6 kV 1.2
× 50 μs
−
6 kV 1.2
× 50 μs
Vibration
resistance
Destruction
10 to 55 to 10 Hz, 0.75 mm single amplitude (1.5 mm double amplitude)
Malfunction
10 to 55 to 10 Hz, 0.75 mm single amplitude (1.5 mm double amplitude)
Shock
resistance
Destruction
1,000 m/s2
Malfunction
100 m/s2
300 m/s2
100 m/s2
Durability
Mechanical
50,000,000 operations min. (at 18,000 operations/hr)
Electrical
100,000 operation min. (at 1,800 operations/hr under rated load)
Failure rate (P level)
(reference value) *3
10 mA at 5 VDC
1 mA at 1 VDC
10 mA at 5 VDC
Ambient operating temperature
-25°C to 70°C (with no icing or condensation)
Ambient operating humidity
5% to 85%
Weight
Approx. 3.5 to 4.6 g
Approx. 3.5 g
Approx. 3.7 g
Approx. 5.4 g
Approx. 3.5 g
Approx. 4.5 g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com