Electronic Components Datasheet Search
  English  ▼

X  

OPA541 Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA541
Description  OPA541 High Power Monolithic Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA541 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA541 Datasheet HTML 2Page - Texas Instruments OPA541 Datasheet HTML 3Page - Texas Instruments OPA541 Datasheet HTML 4Page - Texas Instruments OPA541 Datasheet HTML 5Page - Texas Instruments OPA541 Datasheet HTML 6Page - Texas Instruments OPA541 Datasheet HTML 7Page - Texas Instruments OPA541 Datasheet HTML 8Page - Texas Instruments OPA541 Datasheet HTML 9Page - Texas Instruments OPA541 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
1k
100
10
1
10
100
1k
10k
100k
Frequency (Hz)
10
1
0.1
0.01
0.001
10
100
1k
10k
100k
Frequency (Hz)
P = 100mW
O
P = 50W
O
A = –5
V
P = 5W
O
1.3
1.2
1.1
1
0.9
0.8
0.7
0.6
20
30
40
50
60
70
80
90
+V + |–V | (V)
S
S
T = +25°C
C
T = –25°C
C
T = +125°C
C
6
5
4
3
2
1
0
0
1
2
3
4
5
6
7
8
9
10
I
(A)
OUT
|–V | – |V |
S
O
(+V ) – V
S
O
–25
0
25
50
75
100
125
100
10
1
0.1
0.01
0.001
Temperature ( °C)
110
90
70
50
30
10
–10
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
0
–45
–90
–135
–180
Phase
Gain
Z = 3.3nF
L
Z = 3.3nF
L
Z = 2k
L
Ω
Z = 2k
L
Ω
OPA541
SBOS153B – SEPTEMBER 2000 – REVISED JANUARY 2016
www.ti.com
6.6 Typical Characteristics
At TA = 25°C, VS = ±35 VDC, unless otherwise noted.
Figure 2. Open-Loop Gain and Phase vs Frequency
Figure 1. Input Bias Current vs Temperature
Figure 4. Output Voltage Swing vs Output Current
Figure 3. Normalized Quiescent Current vs Total Power
Supply Voltage
Figure 6. Total Harmonic Distortion + Noise vs Frequency
Figure 5. Voltage Noise Density vs Frequency
6
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Product Folder Links: OPA541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com