Electronic Components Datasheet Search
  English  ▼

X  

OPA541 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA541
Description  OPA541 High Power Monolithic Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA541 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA541 Datasheet HTML 3Page - Texas Instruments OPA541 Datasheet HTML 4Page - Texas Instruments OPA541 Datasheet HTML 5Page - Texas Instruments OPA541 Datasheet HTML 6Page - Texas Instruments OPA541 Datasheet HTML 7Page - Texas Instruments OPA541 Datasheet HTML 8Page - Texas Instruments OPA541 Datasheet HTML 9Page - Texas Instruments OPA541 Datasheet HTML 10Page - Texas Instruments OPA541 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
120
110
100
90
80
70
60
50
10
100
1k
10k
100k
1M
Frequency (Hz)
Time (1µs/division)
10
1
0.1
0.01
0.1
1
10
R
( )
Ω
CL
TO-3
Power Plastic
NOTE: These are averaged values.
–I
is typically 10% higher.
+I
is typically 10% lower.
OUT
OUT
10
1
0.1
0.01
0.1
1
10
R
( )
Ω
CL
Power Plastic at –25°C
Power Plastic at +85°C
NOTE: These are averaged values.
–I
is typically 10% higher.
+I
is typically 10% lower.
OUT
OUT
TO-3 at –25°C
TO-3 at +85°C
OPA541
www.ti.com
SBOS153B – SEPTEMBER 2000 – REVISED JANUARY 2016
Typical Characteristics (continued)
At TA = 25°C, VS = ±35 VDC, unless otherwise noted.
Figure 7. Current Limit vs Resistance Limit
Figure 8. Current Limit vs Resistance Limit vs Temperature
Figure 10. Dynamic Response
Figure 9. Common-Mode Rejection vs Frequency
Copyright © 2000–2016, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: OPA541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com