Electronic Components Datasheet Search
  English  ▼

X  

OPA541 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA541
Description  OPA541 High Power Monolithic Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA541 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA541 Datasheet HTML 8Page - Texas Instruments OPA541 Datasheet HTML 9Page - Texas Instruments OPA541 Datasheet HTML 10Page - Texas Instruments OPA541 Datasheet HTML 11Page - Texas Instruments OPA541 Datasheet HTML 12Page - Texas Instruments OPA541 Datasheet HTML 13Page - Texas Instruments OPA541 Datasheet HTML 14Page - Texas Instruments OPA541 Datasheet HTML 15Page - Texas Instruments OPA541 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
OPA541
SBOS153B – SEPTEMBER 2000 – REVISED JANUARY 2016
www.ti.com
Typical Applications (continued)
8.2.1.2.3
Heat Sinking
Short circuit conditions at 5 A and 25 V must support 125 W of dissipation up to the 40°C ambient requirements
of the application. This indicates the need for a heatsink with a RθHA < 0.68°C/W, such as an Waekfield-Vette
345 series.
8.2.1.3 Application Curve
The scope trace in Figure 14 depicts a motor reversal of a 20-V motor being driven by an OPA541 powered by
±25 V. This motor has 1
Ω of DC resistance and 10 µH of inductance.
NOTE
At the beginning of the reversal the motor inductance results in an overshoot up to the
supply rail. This overshoot is clamped by the external fast recovery diodes. While the
current shown exceeds the 5-A current limit, this current is actually flowing in the flyback
diodes.
Figure 14. Transient Response
8.2.2 Paralleled Operation, Extended SOA
Parallel operation is often used to increase output current or wattage. However, due to their low output
impedance, power operational amplifiers cannot be connected in parallel without modifying the circuits. Figure 15
shows one method of doing this. The upper amplifier is a master, configured as required to satisfy the circuit
function, has a small sense resistor inside its feedback loop. The slave amplifier is a unity gain buffer. Thus, the
output voltages of the two amplifiers are equal. If the two sense resistors connected to the load are equal, the
amplifiers share current equally. More slaves may be added as desired. The additional resistor and capacitor on
the slave enhance stability.
12
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Product Folder Links: OPA541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com