Electronic Components Datasheet Search
  English  ▼

X  

OPA567 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA567
Description  Rail-to-Rail I/O, 2A POWER AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA567 Datasheet(HTML) 4 Page - Texas Instruments

  OPA567 Datasheet HTML 1Page - Texas Instruments OPA567 Datasheet HTML 2Page - Texas Instruments OPA567 Datasheet HTML 3Page - Texas Instruments OPA567 Datasheet HTML 4Page - Texas Instruments OPA567 Datasheet HTML 5Page - Texas Instruments OPA567 Datasheet HTML 6Page - Texas Instruments OPA567 Datasheet HTML 7Page - Texas Instruments OPA567 Datasheet HTML 8Page - Texas Instruments OPA567 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
OPA567
SBOS287A
4
www.ti.com
THERMAL FLAG PIN (TFLAG)
Junction Temperature:
TJ
Alarm (thermal status pin Low)
Thermal overstress
+147
°C
Return to normal operation (Thermal Flag pin High)
Normal operation
+130
°C
Thermal Flag Pin Voltage
During normal operation
TFLAG pin sourcing 25µA(V+) – 0.8V
V+
V
During thermal overstress
TFLAG pin sinking 25µAV–
(V–) + 0.8
V
CURRENT LIMIT FLAG PIN (IFLAG)
Current Limit Flag Pin Voltage
During normal operation
IFLAG pin sourcing 25µA(V+) – 0.8V
V+
V
During current limit
IFLAG pin sinking 25µAV–
(V–) + 0.8
V
POWER SUPPLY
Specified Voltage Range
VS
+2.7
+5.5
V
Operating Voltage Range
+2.5
+5.5
V
Quiescent Current(10)
IQ
IO = 0, ILIMIT = 200mA, VS = 5V
+3.4
+6
mA
IO = 0, ILIMIT = 2A, VS = 5V
+9
+11
mA
Quiescent Current in Shutdown Mode
IO = 0, VSD = 0.8V, VS = 5V
+0.01
mA
TEMPERATURE RANGE
Specified Range
Junction Temperature
–40
+85
°C
Operating Range
Junction Temperature
–55
+125
°C
Storage Range
–65
+150
°C
Thermal Resistance: Junction-to-Case
θ
JC
6
°C/W
Junction-to-Ambient
θ
JA
38
°C/W
ELECTRICAL CHARACTERISTICS: VS = +2.7V to +5.5V (Cont.)
Boldface limits apply over the specified temperature range, TA = –40°C to +85°C.
At TCASE = +25°C, RL = 1kΩ, and connected to VS/2, unless otherwise noted.
OPA567
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
NOTES: (10) Quiescent current is a function of the current limit setting. See
Adjustable Current Limit and Current Limit Flag Pin in the Applications Information section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com