Electronic Components Datasheet Search
  English  ▼

X  

OPA567 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA567
Description  Rail-to-Rail I/O, 2A POWER AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA567 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA567 Datasheet HTML 4Page - Texas Instruments OPA567 Datasheet HTML 5Page - Texas Instruments OPA567 Datasheet HTML 6Page - Texas Instruments OPA567 Datasheet HTML 7Page - Texas Instruments OPA567 Datasheet HTML 8Page - Texas Instruments OPA567 Datasheet HTML 9Page - Texas Instruments OPA567 Datasheet HTML 10Page - Texas Instruments OPA567 Datasheet HTML 11Page - Texas Instruments OPA567 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
OPA567
SBOS287A
8
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = +5V, unless otherwise noted.
1.20
1.19
1.18
1.17
1.16
VOLTAGE ON I
SET PIN vs TEMPERATURE
Temperature (
°C)
–55
–35
–15
5
65
85
105
25
45
125
1.25
1.20
1.15
1.10
1.05
VOLTAGE ON I
SET PIN vs SUPPLY VOLTAGE
Supply Voltage (V)
2.7
3.0
3.5
4.0
4.5
5.0
5.5
Current Limit = 1A
Current Limit = 2A
Current Limit = 200mA
OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
V
OS (mV)
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
Drift (
µV/°C)
Typical Production
Distribution of
Packaged Units.
SMALL-SIGNAL STEP RESPONSE
(G = +1, R
L = 1kΩ)
10
µs/div
LARGE-SIGNAL STEP RESPONSE
(G = +1, R
L = 1kΩ)
20
µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com