Electronic Components Datasheet Search
  English  ▼

X  

OPA698M Datasheet(PDF) 24 Page - Texas Instruments

Part # OPA698M
Description  UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA698M Datasheet(HTML) 24 Page - Texas Instruments

Back Button OPA698M Datasheet HTML 20Page - Texas Instruments OPA698M Datasheet HTML 21Page - Texas Instruments OPA698M Datasheet HTML 22Page - Texas Instruments OPA698M Datasheet HTML 23Page - Texas Instruments OPA698M Datasheet HTML 24Page - Texas Instruments OPA698M Datasheet HTML 25Page - Texas Instruments OPA698M Datasheet HTML 26Page - Texas Instruments OPA698M Datasheet HTML 27Page - Texas Instruments OPA698M Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
www.ti.com
Output Limiters
Limiter Headroom (V)
0
0.5
2
1.5
1
2.5
100
75
50
25
0
−25
−50
−75
−100
Maximum Over Temperature
G046
Limiter Headroom = +VS − VH
= VL − (−VS)
Current = IVH or − IVL
Minimum
Over Temperature
OPA698M
SGLS287A – MAY 2005 – REVISED MARCH 2006
The output voltage is linearly dependent on the input(s) when it is between the limiter voltages VH (pin 8) and VL
(pin 5). When the output tries to exceed VH or VL, the corresponding limiter buffer takes control of the output
voltage and holds it at VH or VL. Because the limiters act on the output, their accuracy does not change with gain.
The transition from the linear region of operation to output limiting is sharp-the desired output signal can safely
come to within 30 mV of VH or VL with no onset of non-linearity. The limiter voltages can be set to within 0.7 V of
the supplies (VL≥– VS + 0.7 V, VH≤ +VS– 0.7 V). They must also be at least 400 mV apart (VH– VL≥ 0.4 V). When
pins 5 and 8 are left open, VH and VL go to the default voltage limit; the minimum values are given in the
electrical specifications. Looking at Figure 66 for the zero bias current case shows the expected range of (VS–
default limit voltages) = headroom.
Figure 66. Limiter Bias Current vs Bias Voltage
When the limiter voltages are more than 2.1 V from the supplies (VL≥– VS + 2.1 V or VH≤ +VS– 2.1 V), you can
use simple resistor dividers to set VH and VL (see Figure 47). Make sure to include the limiter input bias currents
(see Figure 54) in the calculations (that is, IVL = –50 µA out of pin 5 and IVH = +50 µA out of pin 8). For good
limiter voltage accuracy, run at least 1-mA quiescent bias current through these resistors. When the limiter
voltages need to be within 2.1 V of the supplies (VL≤– VS + 2.1 V or VH≥ +VS– 2.1 V), consider using low
impedance buffers to set VH and VL to minimize errors due to bias current uncertainty. This condition is typically
the case for single-supply operation (VS = +5 V). Figure 48 runs 2.5 mA through the resistive divider that sets VH
and VL. This limits errors due to IVH and IVL < ±1% of the target limit voltages. The limiters' dc accuracy depends
on attention to detail. The two dominant error sources can be improved as follows:
•
Power supplies, when used to drive resistive dividers that set VH and VL, can contribute large errors (for example, ±5%).
Using a more accurate source and bypassing pins 5 and 8 with good capacitors improves limiter PSRR.
•
The resistor tolerances in the resistive divider can also dominate. Use 1% resistors.
•
Other error sources also contribute, but should have little impact on the limiters' dc accuracy:
•
Reduce offsets caused by the limiter input bias currents. Select the resistors in the resistive divider(s) as described
above.
•
Consider the signal path dc errors as contributing to uncertainty in the usable output swing.
•
The limiter offset voltage only slightly degrades limiter accuracy. Figure 67 shows how the limiters affect distortion
performance. Virtually no degradation in linearity is observed for output voltage swinging right up to the limiter voltages.
24
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com